Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT11GP60SA Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APT11GP60SA
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT11GP60SA Datasheet(HTML) 6 Page - Advanced Power Technology

  APT11GP60SA Datasheet HTML 1Page - Advanced Power Technology APT11GP60SA Datasheet HTML 2Page - Advanced Power Technology APT11GP60SA Datasheet HTML 3Page - Advanced Power Technology APT11GP60SA Datasheet HTML 4Page - Advanced Power Technology APT11GP60SA Datasheet HTML 5Page - Advanced Power Technology APT11GP60SA Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APT11GP60K_SA
Figure 22, Turn-on Switching Waveforms and Definitions
Figure 23, Turn-off Switching Waveforms and Definitions
*DRIVER SAME TYPE AS D.U.T.
IC
VCLAMP
100uH
VTEST
A
A
B
D.U.T.
DRIVER*
VCE
Figure 24, EON1 Test Circuit
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
IC
A
D.U.T.
APT15DS30
VCE
Figure 21, Inductive Switching Test Circuit
VCC
Emitter
10.66 (.420)
9.66 (.380)
5.33 (.210)
4.83 (.190)
14.73 (.580)
12.70 (.500)
1.01 (.040) 3-Plcs.
0.83 (.033)
2.79 (.110)
2.29 (.090)
4.82 (.190)
3.56 (.140)
1.39 (.055)
0.51 (.020)
4.08 (.161) Dia.
3.54 (.139)
Dimensions in Millimeters and (Inches)
Gate
Collector
6.85 (.270)
5.85 (.230)
1.77 (.070) 3-Plcs.
1.15 (.045)
2.92 (.115)
2.04 (.080)
3.42 (.135)
2.54 (.100)
0.50 (.020)
0.41 (.016)
5.33 (.210)
4.83 (.190)
Drain
12.192 (.480)
9.912 (.390)
3.683 (.145)
MAX.
TO-220AC Package Outline (K)
TO-263 (D2) Surface mount Package Outline (SA)
10.06 (.396)
10.31(.406)
1.22 (.048)
1.32 (.052)
{3 Plcs.}
2.54 (.100) BSC
{2 Plcs.}
4.45 (.175)
4.57 (.180)
1.27 (.050)
1.32 (.052)
0.330 (.013)
0.432 (.017)
Dimensions in Millimeters (Inches)
Heat Sink (Collector)
and Leads are Plated
Gate
Collector
Emitter
0.000 (.000)
0.254 (.010)
6.02 (.237)
6.17 (.243)
1.40 (.055)
1.65 (.065)
7.54 (.297)
7.68 (.303)
8.51 (.335)
8.76(.345)
0.762 (.030)
0.864 (.034)
{2 Plcs.}
0.050 (.002)
2.62 (.103)
2.72 (.107)
3.68 (.145)
6.27 (.247)
(Base of Lead)
APT15DF60
T
J = 125°C
Drain Current
DrainVoltage
GateVoltage
5%
10%
t
d(on)
90%
10%
t
r
5%
Switching Energy
T
J = 125°C
DrainVoltage
Drain Current
GateVoltage
Switching Energy
0
90%
t
d(off)
10%
t
f
90%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com