Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT15GT60BRDQ1 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT15GT60BRDQ1
Description  Thunderbolt IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15GT60BRDQ1 Datasheet(HTML) 5 Page - Advanced Power Technology

  APT15GT60BRDQ1 Datasheet HTML 1Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 2Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 3Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 4Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 5Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 6Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 7Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 8Page - Advanced Power Technology APT15GT60BRDQ1 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APT15GT60BRDQ1(G)
TYPICAL PERFORMANCE CURVES
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
0.3
D = 0.9
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-5
10-4
10-3
10-2
10-1
1.0
2,000
1,000
500
100
50
10
50
45
40
35
30
25
20
15
10
5
0
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
V
CE, COLLECTOR TO EMITTER VOLTAGE
Figure 17, Capacitance vs Collector-To-Emitter Voltage
Figure 18,Minimim Switching Safe Operating Area
0
10
20
30
40
50
0
100 200
300
400 500
600
700
FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL
C
res
0.5
0.1
0.05
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
C
oes
C
ies
0.243
0.165
0.271
0.0013
0.00675
0.0969
Dissipated Power
(Watts)
TJ (°C)
TC (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
0
5
10
15
20
25
30
I
C, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
TJ = 125°C
TC = 75°C
D = 50 %
VCE = 400V
RG = 10Ω
180
100
50
10
F
max
= min (f
max, fmax2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - Pcond
E
on2 + Eoff
f
max2 =
P
diss =
T
J - TC
RθJC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com