Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT20M11JLL Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT20M11JLL
Description  POWER MOS 7 MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT20M11JLL Datasheet(HTML) 3 Page - Advanced Power Technology

  APT20M11JLL Datasheet HTML 1Page - Advanced Power Technology APT20M11JLL Datasheet HTML 2Page - Advanced Power Technology APT20M11JLL Datasheet HTML 3Page - Advanced Power Technology APT20M11JLL Datasheet HTML 4Page - Advanced Power Technology APT20M11JLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Curves
APT20M11JLL
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
FIGURE3,LOW VOLTAGE OUTPUTCHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE4, TRANSFERCHARACTERISTICS
FIGURE 5, R
DS(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE
FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE 8, R
DS(ON) vs. TEMPERATURE
FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE
7.5V
5.5V
6V
6.5
VGS =15 &10V
7V
8V
TJ = +125°C
TJ = +25°C
TJ = -55°C
VDS> ID (ON) x RDS(ON) MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
VGS=10V
VGS=20V
0
5
10
15
20
25
30
0
2
4
6
8
10
0
50
100
150
200
250
300
350
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
350
300
250
200
150
100
50
0
180
160
140
120
100
80
60
40
20
0
2.5
2.0
1.5
1.0
0.5
0.0
I
D
= 88A
V
GS
= 10V
300
250
200
150
100
50
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
NORMALIZED TO
V
GS = 10V @ ID = 88A
0.0268
0.109
0.0426
0.0456F
0.765F
23.5F
Power
(watts)
Junction
temp. (
°C)
RC MODEL
Case temperature. (
°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com