Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CG010BBC12N Datasheet(PDF) 5 Page - TAMURA Corporation.

Part # 2CG010BBC12N
Description  Gate Driver Module 2CG010BBC11N
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAMURA [TAMURA Corporation.]
Direct Link  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.

2CG010BBC12N Datasheet(HTML) 5 Page - TAMURA Corporation.

  2CG010BBC12N Datasheet HTML 1Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 2Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 3Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 4Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 5Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 6Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 7Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 8Page - TAMURA Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2CG010BBC11N Datasheet
■Electrical Specification (Vin=24V, Vcc=5V.Ta=25℃, Unless otherwise specified)
■Protection
/
TAMURA CORPORATION
TMRDM0065EN
Rev.1.01 Nov. 2021
IALM=5mA
DSTxpin open
DESAT detection time
tDSTOUT
-
-
DSTxpin open
400
5
6
Dead time
tDEAD
-
4.1
-
us
Overload protection
-
10.5
-
-
W
Overheat protection
Output voltage(H) UVLO OFF voltage
VUVLOGHH 13.2
13.5
13.8
V
Alarm signal output L voltage
Soft turn off duration
VALML
-
-
0.5
V
-
450
ns
Item
Symbol
Min
Typ
Conditions・Note
Max
Unit
Logic inputs
Standby power
PSTBY
-
Logic high level input voltage
VSGH
VCC x0.7
-
-
MOD, INA, INB / Guaranteed by design
1.2
-
W
No load
DC/DC converter
Start-up voltage
VSTART
-
-
13
V
Input current
IIN
-
0.42
-
A
Fsw=22kHz / Test load: 280nF
MOD, INA, INB / Guaranteed by design
Gate OFF side pin / output voltage(-)
No load
Logic low level input voltage
VSGL
-
Logic pull-down resistance
RSGD
15
16
V
No load
-11
-10
-9
V
-
1000
MOD, INA, INB
-
VCC x0.3
V
Gate driver output
Gate ON side pin / output voltage(+)
VGH,VO+
14
-
120
-
Guaranteed by design
tSTO
V
150
Item
Symbol
Min
Typ
Max
Unit
Conditions・Note
Auto recovery, Internal temperature
-
Ω
Miller clamp voltage
VCLAMP
-
1.2
-
V
ICLAMP=500mA, Guaranteed by design
Miller clamp ON threshold voltage
VCLPON
-
VGL+2
-
V
-
ns
Alarm signal output time
tALM
ns
Guaranteed by design
ns
Delay time
Turn ON time
tPON
Turn OFF time
tPOFF
-
100
-
7.0
V
110
ns
12.8
V
Guaranteed by design
Half bridge mode
Auto recovery
DESAT detection voltage
VDESAT
6.0
6.35
-
DESAT detection filter time
ms
-
-
100
-
4
-
us
DC/DC converter
Gate driver
Restart time
tRESTART
tDSTFIL
-
Output voltage(H) UVLO ON voltage
VUVLOGHL
12.2
12.5
-
650
-
VGL,VO-
DESAT charge current
IDESAT
200
240
280
uA
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com