Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAAR Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # PBAAR
Description  Captive Linear Actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PBAAR Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  PBAAR Datasheet HTML 1Page - Nippon Pulse America, Inc. PBAAR Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PBAAR
Captive Linear Actuator
nipponpulse.com • info@nipponpulse.com • 540-633-1677
Nippon Pulse
Your Partner in Motion Control
Specification
PBAAR28-G01-040
PBAAR28-G02-040
PBAAR42-G02-050
PBAAR42-G05-050
Motor Frame Size (mm)
28 (NEMA 11)
42 (NEMA 17)
Drive Screw Type
Precision Ball Screw
Screw Lead
1mm
2mm
2mm
5mm
Travel
40mm
50mm
Repeatability
±0.005mm
Lost Motion
0.010mm
Maximum Speed
20mm/sec
40mm/sec
100mm/sec
Accel/Decel Time
Min. 0.2 sec
Thrust Force
50N
25N
80N
30N
Mass
270g
660g
Operating Temperature
0 ~ 40°C (no condensation)
Motor Specification
PBAAR28-G01-040
PBAAR28-G02-040
PBAAR42-G02-050
PBAAR42-G05-050
Driving Method
2-phase bi-polar
Rated Voltage
3.8V (DC)
2.5V (DC)
Rated Current
0.67A/phase
1.2A/phase
Winding Resistance
5.6Ω
2.1Ω
Insulation Class
Class B (130°C)
Specifications
Precautions:
- Radial load is not applicable on AR (captive) type
- Specifications above are reference value measured in vertical position at virgin condition
- Sensor is not built-in with standard design
PBA
AR 28 G 01 040
1
2
3 4
5
6
1: Series Designation (PBA)
2: Cylinder type
CL: Non-Captive Type
AR: Captive Type
3: Motor frame size (mm)
4: Drive screw type
G: Precision Ball Screw
5: Screw Lead
01: 1mm
02: 2mm
05: 5mm
6: Travel, mm
040: 40mm
050: 50mm
Part Numbering


Similar Part No. - PBAAR

ManufacturerPart #DatasheetDescription
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
logo
APEM
PBA APEM-PBA Datasheet
3Mb / 16P
Piezo switches
PBA APEM-PBA Datasheet
1Mb / 5P
ATEX approved piezo switches
logo
Tyco Electronics
PBA-01A MACOM-PBA-01A Datasheet
303Kb / 4P
Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
AG Electronica
PBA-026060000 AGELECTRONICA-PBA-026060000 Datasheet
411Kb / 2P
BLOQUE DE TERMINALES TIPO DESMONTABLE 2P
10/11/2023
More results

Similar Description - PBAAR

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGPL-25-400-PPV-A-B-KF FESTO-DGPL-25-400-PPV-A-B-KF Datasheet
97Kb / 1P
Linear actuator
DGPL-25-1000-PPV-A-B-KF FESTO-DGPL-25-1000-PPV-A-B-KF Datasheet
96Kb / 1P
Linear actuator
DGPL-32-250-PPV-A-B-KF FESTO-DGPL-32-250-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-32-400-PPV-A-B-KF FESTO-DGPL-32-400-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-250-PPV-A-B-KF FESTO-DGPL-40-250-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-500-PPV-A-B-KF FESTO-DGPL-40-500-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
8133081 FESTO-8133081 Datasheet
86Kb / 2P
Linear actuator
8133104 FESTO-8133104 Datasheet
87Kb / 2P
Linear actuator
logo
Nippon Pulse America, I...
PBACL28 NPM-PBACL28 Datasheet
244Kb / 1P
Non-Captive Linear Actuator
PBACL42 NPM-PBACL42 Datasheet
253Kb / 1P
Non-Captive Linear Actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com