Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBACL28-R01 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # PBACL28-R01
Description  Non-Captive Linear Actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PBACL28-R01 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  PBACL28-R01 Datasheet HTML 1Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PBACL28
Non-Captive Linear Actuator
nipponpulse.com • info@nipponpulse.com • 540-633-1677
Nippon Pulse
Your Partner in Motion Control
Specification
PBACL28-G01
PBACL28-G02
PBACL28-R01
PBACL28-R02
PBACL28-Re02
PBACL28-Re06
Motor Frame Size (mm)
28 (NEMA 11)
Drive Screw Type
Precision Ball Screw
Rolled Ball Screw
Resin Lead Screw
Screw Lead
1mm
2mm
1mm
2mm
2mm
6mm
Travel
40mm/80mm
Repeatability
±0.005mm
±0.010mm
±0.030mm
Lost Motion
0.010mm
0.020mm
0.060mm
Maximum Speed
20mm/sec
40mm/sec
20mm/sec
40mm/sec
20mm/sec
60mm/sec
Accel/Decel Time
Min. 0.2 sec
Min. 0.4 sec
Thrust Force
50N
25N
50N
25N
10N
2.5N
Mass
Travel 40mm : 230g
Travel 80mm : 240g
Travel 40mm : 210g
Travel 80mm : 220g
Operating Temperature
0 ~ 40°C (no condensation)
Motor Specification
PBACL28-G01
PBACL28-G02
PBACL28-R01
PBACL28-R02
PBACL28-Re02
PBACL28-Re06
Driving Method
2-phase bi-polar
Rated Voltage
3.8V (DC)
Rated Current
0.67A/phase
Winding Resistance
5.6Ω
Insulation Class
Class B (130°C)
Specifications
Precautions:
- CL type (non-captive type) does not have an anti-rotating device. External anti-rotating device should be set up during use.
- Specifications above are reference value measured in vertical position at virgin condition.
- Sensor is not built in this standard design
PBA
CL 28 G 01 040
1
2
3 4
5
6
1: Series Designation (PBA)
2: Cylinder type
CL: Non-Captive Type
AR: Captive Type
3: Motor frame size (mm)
4: Drive screw type
G: Precision Ball Screw
R: Rolled Ball Screw
Re: Resin Lead Screw
5: Screw Lead
01: 1mm
02: 2mm
06: 6mm
6: Travel, mm
040: 40mm
080: 80mm
Part Numbering


Similar Part No. - PBACL28-R01

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PBACL42 NPM-PBACL42 Datasheet
253Kb / 1P
Non-Captive Linear Actuator
PBACL42-G02 NPM-PBACL42-G02 Datasheet
253Kb / 1P
Non-Captive Linear Actuator
PBACL42-G05 NPM-PBACL42-G05 Datasheet
253Kb / 1P
Non-Captive Linear Actuator
PBACL42-R02 NPM-PBACL42-R02 Datasheet
253Kb / 1P
Non-Captive Linear Actuator
PBACL42-R05 NPM-PBACL42-R05 Datasheet
253Kb / 1P
Non-Captive Linear Actuator
More results

Similar Description - PBACL28-R01

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGPL-25-400-PPV-A-B-KF FESTO-DGPL-25-400-PPV-A-B-KF Datasheet
97Kb / 1P
Linear actuator
DGPL-25-1000-PPV-A-B-KF FESTO-DGPL-25-1000-PPV-A-B-KF Datasheet
96Kb / 1P
Linear actuator
DGPL-32-250-PPV-A-B-KF FESTO-DGPL-32-250-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-32-400-PPV-A-B-KF FESTO-DGPL-32-400-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-250-PPV-A-B-KF FESTO-DGPL-40-250-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-500-PPV-A-B-KF FESTO-DGPL-40-500-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
8133081 FESTO-8133081 Datasheet
86Kb / 2P
Linear actuator
8133104 FESTO-8133104 Datasheet
87Kb / 2P
Linear actuator
logo
Nippon Pulse America, I...
PBAAR NPM-PBAAR Datasheet
394Kb / 2P
Captive Linear Actuator
PBACL42 NPM-PBACL42 Datasheet
253Kb / 1P
Non-Captive Linear Actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com