Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S080Q Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # S080Q
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S080Q Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  S080Q Datasheet HTML 1Page - Nippon Pulse America, Inc. S080Q Datasheet HTML 2Page - Nippon Pulse America, Inc. S080Q Datasheet HTML 3Page - Nippon Pulse America, Inc. S080Q Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Stroke
S080D
S080T
S080Q
25
85mm (3.3in)
100mm (3.9in)
115mm (4.5in)
50
110mm (4.3in)
125mm (4.9in)
140mm (5.5in)
100
160mm (6.3in)
175mm (6.9in)
190mm (7.5in)
150
210mm (8.3in)
225mm (8.9in)
240mm (9.4in)
200
260mm (10.2in)
275mm (10.8in)
290mm (11.4in)
Shaft Length (L)
Shaft Mass
Shaft Diameter (D) - 8mm ±0.1
Stroke
Support Length (L2)
Max. Bending
All
10mm
0.05mm
Support and Bending
Wire Type
UL 1430
Wire AWG
28
U Phase
Red
V Phase
White
W Phase
Black
Standard Lead Wire
300mm lead wire bare leads. The bending
radius of the motor cable should be 10.72
mm as suggested by the wire manufacturer.
Receptacle Housing
XMR-03V
Plug Housing
XMP-03V
Retainer
XMS-03V
Pin Contact
SXM-001T-P0.6
Socket Contact
SXA-001T-P0.6
Connector (Motor Cable)
To be installed by the user.
Spec
S080T
S080Q
Forcer Spacing Distance
5mm
Pole (N/S) Distance
15mm
Forcer Length
55mm
70mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Forcer Spacing Distance
Stroke
S080D
S080T
S080Q
25
0.02kg (0.05lb)
0.03kg (0.06lb)
0.03kg (0.07lb)
50
0.03kg (0.07lb)
0.04kg (0.08lb)
0.04kg (0.09lb)
100
0.05kg (0.11lb)
0.05kg (0.12lb)
0.06kg (0.13lb)
150
0.07kg (0.15lb)
0.07kg (0.16lb)
0.08kg (0.17lb)
200
0.08kg (0.19lb)
0.09kg (0.2lb)
0.1kg (0.21lb)
Tandem Forcer
Total Length (L)=Stroke (S)+Forcer Length (A)+(Support Length (L2)x2)
FGA/CE Type Lead Wire
300mm lead wire bare leads. The
bending radius of the motor cable
should be 16.96mm as suggested
by the wire manufacturer. FG type
with insulating sheet between coils
and case. Meets all requirements of
EN60034-1 (1998).
Ground Wire
Wire Type
UL 1330
Wire AWG
24
U Phase
Red
V Phase
White
W Phase
Black
Tandem S080D forcers are possible, but are equivalent
to one (1) S080Q forcer and thus are not listed above.
Additional stroke lengths are available (up to 230mm for S080D and up to 215mm for S080T). Contact Nippon Pulse for more information.
Note: Metric units guaranteed. Imperial (United States customary) units are calculated.
www.nipponpulse.com
For assistance in selecting the best motor for your application, contact Nippon Pulse
to speak with an applications engineer. 1-540-633-1677
Not all motors on this datasheet have received a CE Declaration of Conformity. Only the standard S080D, S080T and S080Q motors have been certified to CE
standards. The motors and motor options with the following designations have not received a CE Declaration of Conformity, and as such are designated FGA:
S080D-1S, S080T-1S, S080Q-2S, S080Q-1S, any S080 motor with Hall Effects.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com