Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S250T Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # S250T
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S250T Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  S250T Datasheet HTML 1Page - Nippon Pulse America, Inc. S250T Datasheet HTML 2Page - Nippon Pulse America, Inc. S250T Datasheet HTML 3Page - Nippon Pulse America, Inc. S250T Datasheet HTML 4Page - Nippon Pulse America, Inc. S250T Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Spec
S250T
Forcer Spacing Distance
15mm
Pole (N/S) Distance
45mm
Forcer Length
165mm
Flip Forcers
No
Forcer Spacing Distance
Forcer Spacing Distance
Tandem Forcer
Tandem S250D forcers are
possible, but are equivalent to
one (1) S250Q forcer and thus are
not listed. Tandem S250Q forcers
are possible, but are equal to
one (1) S250X forcer. (See S250X
datasheet.)
Shaft Diameter (D) - 25mm ±0.2
Stroke
D/T/Q
Stroke
X
Support
Length (L2)
Max. Bending
0~700
0~500
50mm
0.00mm
701~1000
501~800
70mm
0.30mm
1001~1500
801~1300
70mm
0.70mm
1501~max
1301~max
100mm
0.70mm
Support and Bending
Total Length (L)=Stroke (S)+Forcer Length (A)+(Support Length (L2)x2)
Stroke lengths available up to 2550mm. Contact Nippon Pulse for more information.
Forcer Specs
S250D
S250T
S250Q
Forcer Length (A)
120mm (4.72in)
165mm (6.5in)
210mm (8.27in)
Forcer Width
50mm (1.97in)
Forcer Screw Pitch (P)
105mm (4.13in)
150mm (5.91in)
195mm (7.68in)
Forcer Weight
0.80kg (1.76lbs)
1.1kg (2.43lbs)
1.5kg (3.31lbs)
Gap
0.75mm (0.03in)
Screw
M6
Tightening Torque
5.2 Nm
Serial Number
Gap
Bore
Label
Mounting Surface
Total Length
Support Length
Movable Length
Forcer Length
Forcer Screw Pitch
Stroke Length
dep
Motor Cable
Length
Bending
Radius
Reference End
Yellow Mark
Note: Cable length 300mm. The bending radius of the
motor cable should be 36.6mm (wire diameter 5.3 * 6) as
suggested by the wire manufacturer. This radius should
be maintained. Use supplied connector to attach the
proper high-flex cable as required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com