Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR075 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # SCR075
Description  Nanopositioning Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SCR075 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  SCR075 Datasheet HTML 1Page - Nippon Pulse America, Inc. SCR075 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCR075
Nanopositioning Stage
Stage Specifications1
Units
SCR075-050
SCR075-100
SCR075-150
Travel/Stroke
mm
50
100
150
Stage Width (B)
mm
140
190
240
Accuracy
μm
3
5
7
Encoder Resolution
nm
1000, 500, 100, 50, 10
Bi-Directional Repeatability2
±1 count
Maximum Acceleration
m/s2
25
20
15
Maximum Velocity3
m/s
1.1
1.4
1.5
Load Capacity4
kg
45.5
Moving Mass
kg
0.55
0.7
0.93
Total Mass
kg
1
1.3
1.7
Straightness & Flatness
μm
2.5/25mm
Home Limit Switches
Standard
Home Switch Location
Center
Limit Switch Over Travel
mm
1
Hard Stop Over Travel
mm
2
Bearing
Cross-roller Bearing
Linear Shaft Motor
S080Q
The SCR075 stage is a complete single axis stage which integrates a slide guide, encoder,
and Linear Shaft Motor. It offers a wide range of advantages for applications requiring high
performance and accuracy. The Linear Shaft Motor allows for higher resolution, speed, and
continuous force than standard stepper or piezo servomotors.
The SCR075 uses a standard S080Q Linear Shaft Motor, however, the coil
windings are customizable to a double or triple winding. The SCR075 features a
moving magnet design, a precision ground cross roller, and a built-in encoder.
Each SCR stage requires a servo driver to operate the stage. Any two SCR stages
will bolt directly together to form a very stiff, compact X-Y assembly, without the
need for adaptor plates. Two SCR stages can be supplied as an X-Y stage to insure
true orthogonal orientation between the two axes.
Note 1: Standard stage specifications are based on the S080Q Linear Shaft Motor
Note 2: Repeatability +/- 2 counts at sub 0.1μm resolutions
Note 3: For 10nm (0.01μm) resolution, max velocity of encoder is limited to 135mm/sec; for 50nm
(0.05μm), the limit is 675mm/sec; and for 100nm (0.1μm), the limit is 1350mm/sec
Note 4: Please contact our Applications Engineers for loads exceeding 45.5kg
Stage Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin
Signal
Function
2
0V
Ground
4
Z-
Reference Mark
5
B-
Incremental Signal
6
A-
Incremental Signal
7
5V
Power
8
5V
Power
9
0V
Ground
10
Q
Limit
11
P
Limit
12
Z+
Reference Mark
13
B+
Incremental Signal
14
A+
Incremental Signal
15
shield
info@nipponpulse.com
׀
1-540-633-1677
(kg)
Acceleration/Velocity Curves
0
200
400
600
800
1000
1200
1400
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass (kg)
SCR075-050
ACC D coil
ACC T coil
ACC Q coil
Max VEL D coil
Max VEL T coil
Max VEL Q coil
SCR075-050
SCR075-100
SCR075-150
0
200
400
600
800
1000
1200
1400
1600
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass (kg)
SCR075-100
ACC D coil
ACC T coil
ACC Q coil
Max VEL D coil
Max VEL T coil
Max VEL Q coil
0
200
400
600
800
1000
1200
1400
1600
1800
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass (kg)
SCR075-150
ACC D coil
ACC T coil
ACC Q coil
Max VEL D coil
Max VEL T coil
Max VEL Q coil
Nippon Pulse
Your partner in motion control


Similar Part No. - SCR075

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR002 SSDI-SCR002 Datasheet
62Kb / 2P
HIGH VOLTAGE THYRISTOR
SCR002 SSDI-SCR002_15 Datasheet
62Kb / 2P
HIGH VOLTAGE THYRISTOR
SCR004C SSDI-SCR004C Datasheet
111Kb / 2P
RECTIFIER
SCR004C SSDI-SCR004C_15 Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER
SCR005 SSDI-SCR005 Datasheet
112Kb / 2P
RECTIFIER
More results

Similar Description - SCR075

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R9AD-W TAIYO-YUDEN-EMK042CG2R9AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
Lifecycle Stage
JMK105BJ224ME-R TAIYO-YUDEN-JMK105BJ224ME-R Datasheet
289Kb / 2P
Lifecycle Stage
logo
Nippon Pulse America, I...
SCR050 NPM-SCR050 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SCR150 NPM-SCR150 Datasheet
1,015Kb / 2P
Nanopositioning Stage
SLP25 NPM-SLP25 Datasheet
428Kb / 2P
Acculine Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com