Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR100 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # SCR100
Description  Nanopositioning Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SCR100 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  SCR100 Datasheet HTML 1Page - Nippon Pulse America, Inc. SCR100 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCR100
Nanopositioning Stage
Linear Shaft Motor
Force Specs
Units
S080Q
Fundamental Motor Constant
N/W
1.39
Motor Force Constant (Kf)
N/A rms
4.2
Back-EMF Constant
V/m/s
1.4
Coil Resistance @ 25°C
Ω
9
Coil Inductance
mH
1.3
Continuous Current @ 135°C
A
0.84
Acceleration Current
A
3.4
Continuous Force @ 135°C
N
3.5
Acceleration Force
N
14
Continuous Power Rating
W
12.7
Thermal Resistance
°C/W
17.3
Magnetic Pole Pitch (N-N)
mm
80
Note: Curves apply only to the stage’s standard motor, the
S080Q Linear Shaft Motor. If you are interested in using
the S080D or S080T in your stage, please contact our
application engineers to learn more about these coils.
Linear Shaft Motor Specs
SCR Stage Part Numbering Guide
Stage Width (mm)
Stroke (mm)
Encoder*
Motor Size
Hall Effects
SCR
XXX
XXX
XXX
XX
XXD = Motor Size with double winding
XXT = Motor Size with triple winding
XXQ = Motor Size with quadruple winding
100 = 1000nm
050 = 500nm
010= 100nm
005 = 50nm
001 = 10nm
50mm (1.97 in)
100mm (3.94 in)
150mm (5.91 in)
200mm (7.88 in)
250mm (9.85 in)
300mm (11.82 in)
XX
Stage Width in mm
Stage Main Body Model
050
075
100
150
—
—
—
—
Example model number: SCR100-50-010-080Q
As of September 1, 2010, all Nippon Pulse SCR Nanopositioning stages are available with a upgraded encoder. Any stage built after September 1, 2010, and beginning with unit SN#080210-001,
comes standard with the Renishaw Tonic Encoder.
The previous encoder was the Renishaw RGH24, which used optional and separate read switch end-of-travel limits. The Tonic Encoder includes limit switches as a part of the new read head and makes
end limits standard at no additional cost. This change optimizes performance and eliminates extra wiring needed with the optional limit switches. Other benefits of using the new encoder include improv-
ing interpolation feedback by four times, achieving 5nm resolution without the use of a large RGB interpolator, and increased resolution and speed options.
*SCR Encoder Upgrade Notice
Blank = No Hall Effects
HA = Hall Effects
Dimensions
MODEL
TRAVEL mm
A
B
C
SCR100-050
50
N/A
140
N/A
SCR100-100
100
120
190
120
SCR100-150
150
160
240
160
SCR100-200
200
200
290
200
SCR100-250
250
260
340
260
SCR100-300
300
300
390
300
Encoder cable length:
minimum 1000mm
Motor Cable
Lapp Unitronic 190-602803
AWG 28
U–red
V–white
W–black
Length: 3000mm
All units are listed as mm
A
72
(2.835)
14
(0.551)
89
(3.504)
M4 Thru-hole
C
M5 Thread
5.5
(0.217)
89
(3.504)
123
(4.843)
36
(1.417)
72
(2.835)
44.5
(1.752)
B
34
(1.339)
Nippon Pulse
Your partner in motion control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com