Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP15 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # SLP15
Description  Acculine Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SLP15 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  SLP15 Datasheet HTML 1Page - Nippon Pulse America, Inc. SLP15 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SLP15
Acculine Stage
Single Slider Dimensions
Double Slider Dimensions
Stroke
(mm)
L
(mm)
N
Weight
(Kg)
100
420
4
3.0
200
520
5
3.5
300
620
6
3.9
400
720
7
4.3
500
820
8
4.8
600
920
9
5.2
700
1020
10
5.6
800
1120
11
6.1
900
1220
12
6.5
1000
1320
13
6.9
1100
1420
14
7.4
1200
1520
15
7.8
2.6
1
Detail For P&Q
10 (Including Mechanical Stop)
4-M4 Depth 10
2-φ4H7 Depth 10
Stroke
10 (Including Mechanical Stop)
L
Encoder Cable
Motor Power Supply Cable
140
25
45
45
88
84
10
40
40
40
P
Q
For Frame Ground Travel
FG Label
4-M3 Depth 4
Opposite side is the same
60
100
2 x N-M3 Depth 5
Pitch 100 x (N-1)
2 x N - φ3.5 Drill φ6 Countersink Depth 3 (From Rear)
Detail For P&Q
10 (Including Mechanical Stop)
4-M4 Depth 10
2-φ4H7 Depth 10
Encoder Cable
Motor Power Supply Cable
P Q
For Frame Ground Travel
FG Label
4-M3 Depth 4
Opposite side is the same
2 x N-M3 Depth 5
Pitch 100 x (N-1)
2 x N - φ3.5 Drill
φ6 Countersink Depth 3 (From Rear)
Stroke
20 (Including Mechanical Stop)
L
5 (Mechanical Stop)
5 (Mechanical Stop)
Encoder Cable Specifications
Heidenhain
Outer Diameter ø 4.3 mm
Dsub 15 Pin Connector (Male)
88
84
1
2.6
45
45
25
140
10
40
40
40
60
100
(80)
(80)
140
(80)
(80)
All units are listed as mm
All units are listed as mm
(80)
(80)
Stroke
(mm)
L
(mm)
N
Weight
(Kg)
100
270
3
1.8
200
370
4
2.2
300
470
5
2.6
400
570
6
3.1
500
670
7
3.5
600
770
8
4.0
700
870
9
4.4
800
970
10
4.8
900
1070
11
5.3
1000
1170
12
5.7
1100
1270
13
6.1
1200
1370
14
6.6
1300
1470
15
7.0
Motor Cable Specifications
Hitachi Cable
UL2464
AWG 25
U-red; V-white; W-black
Outer Diameter ø 4.3mm
JST XM Connector (Male)
N = sets of holes on stage
N = sets of holes on stage
Encoder Cable Specifications
Heidenhain
Outer Diameter ø 4.3 mm
Dsub 15 Pin Connector (Male)
Motor Cable Specifications
Hitachi Cable
UL2464
AWG 25
U-red; V-white; W-black
Outer Diameter ø 4.3mm
JST XM Connector (Male)
info@nipponpulse.com
׀
1-540-633-1677
Nippon Pulse
Your Partner in Motion Control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com