Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0902VT1 Datasheet(PDF) 1 Page - Rohm

Part # CSL0902VT1
Description  Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0902VT1 Datasheet(HTML) 1 Page - Rohm

  CSL0902VT1 Datasheet HTML 1Page - Rohm CSL0902VT1 Datasheet HTML 2Page - Rohm CSL0902VT1 Datasheet HTML 3Page - Rohm CSL0902VT1 Datasheet HTML 4Page - Rohm CSL0902VT1 Datasheet HTML 5Page - Rohm CSL0902VT1 Datasheet HTML 6Page - Rohm CSL0902VT1 Datasheet HTML 7Page - Rohm CSL0902VT1 Datasheet HTML 8Page - Rohm CSL0902VT1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CSL0902VT1
Data Sheet
4. ABSOLUTE MAXIMUM RATINGS
*2
1)
1)
4)
2)
3)
5)
3)
6. LUMINOUS CLASSIFICATION
*3
(Ta=25
℃, IF=20mA)
~
~
~
~
1. CONSTRUCTION
Red Surface Mount Chip LEDs featuring with lends AlGaInP packed
with transparent colorless resin.
2. USAGE
*1
Source of light for display unit.
Forward Current
IF (Ta=25
℃)
・・・・・・・・ 35mA
Peak Forward Current
IFP (Ta=25
℃)
・・・・・・・・ 100mA
3. DIMENSIONS
See Figure.1
Power Dissipation
PD (Ta=25
℃)
・・・・・・・・ 87mW
Storage Temperature
Tstg
・・・・・・・・ -40~+100
℃
Duty 1/10, 1kHz
5. ELECTRO-OPTICAL CHARACTERISTICS (Ta=25℃)
Reverse Voltage
VR (Ta=25
℃)
・・・・・・・・ 12V
Operation Temperature
Topr
・・・・・・・・ -40~+100
℃
UNITS
Forward Voltage
VF
IF=20mA
1.8
2.1
2.5
V
DISCRIPTION
SYMBOL
CONDITION
MIN.
TYP.
MAX.
μA
Luminous Intensity
IV
IF=20mA
180
280
450
mcd
Reverse Current
IR
VR=12V
-
-
10
"AW"
224
280
mcd
"AX"
280
355
mcd
nm
2) Lighting time : 1msec  3) Lighting time : 10msec  4) Tolerance : ±3% 5) Tolerance : ±1nm
SYMBOL
LUMINOUS CLASSIFICATION RANGE
"AV"
180
224
mcd
Dominant Wave Length
λD
IF=20mA
627
630
634
8. MSL
    Level 3
*1 : If the parts are used for Automotive & Industrial application (base station, smart meters, signal, etc. and social infrastructure),
Please contact ROHM, so that Automotive-graded parts w ill be introduced.
*2 : Absolute maximum rating is the limit w hich must not be exceeded even for an instant, once exceeded, LED device destruction might occur.
This is not the value that guarantees intensity of light life and other reliabilities.
Please refer to the derating data
*4
& conducting test data, and make sure to keep the value w ithin absolute maximum rating w hile using.
*3 : If rank shift occur, w e may ask for re-approval of new rank w hen necessary.
*4 : Even w ithin derating, the reliability and luminosity life may be affected by deterioration of sealing resin and reflector, etc.
So please check w ith your application again.
"AY"
355
450
mcd
Torrelance:±10%
7. PRODUCT WEIGHT   Product weight per piece, approx 0.00204 grm.
1/15
2022.7 - Rev.002
www.rohm.com
©2022 ROHM Co., Ltd. All rights reserved


Similar Part No. - CSL0902VT1

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0902BT1 ROHM-CSL0902BT1 Datasheet
1Mb / 17P
Blue Surface Mount Chip LEDs featuring with lends InGaN packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902DT1 ROHM-CSL0902DT1 Datasheet
1Mb / 17P
Orange Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902ET1 ROHM-CSL0902ET1 Datasheet
1Mb / 17P
Green Surface Mount Chip LEDs featuring with lends InGaN packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902MT1 ROHM-CSL0902MT1 Datasheet
1Mb / 17P
Yellow Green Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902R3T1 ROHM-CSL0902R3T1 Datasheet
1Mb / 22P
Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs with transparent colorless resin.
2024.6 - Rev.002
More results

Similar Description - CSL0902VT1

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0902YT1 ROHM-CSL0902YT1 Datasheet
1Mb / 17P
Yellow Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902BT1 ROHM-CSL0902BT1 Datasheet
1Mb / 17P
Blue Surface Mount Chip LEDs featuring with lends InGaN packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902DT1 ROHM-CSL0902DT1 Datasheet
1Mb / 17P
Orange Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902ET1 ROHM-CSL0902ET1 Datasheet
1Mb / 17P
Green Surface Mount Chip LEDs featuring with lends InGaN packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902MT1 ROHM-CSL0902MT1 Datasheet
1Mb / 17P
Yellow Green Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902UT1 ROHM-CSL0902UT1 Datasheet
1Mb / 17P
Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0903DT1 ROHM-CSL0903DT1 Datasheet
1Mb / 17P
Orange Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0903UT1 ROHM-CSL0903UT1 Datasheet
1Mb / 17P
Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0903VT1 ROHM-CSL0903VT1 Datasheet
1Mb / 17P
Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0903YT1 ROHM-CSL0903YT1 Datasheet
1Mb / 17P
Yellow Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com