Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0903VT1 Datasheet(PDF) 9 Page - Rohm

Part # CSL0903VT1
Description  Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0903VT1 Datasheet(HTML) 9 Page - Rohm

Back Button CSL0903VT1 Datasheet HTML 5Page - Rohm CSL0903VT1 Datasheet HTML 6Page - Rohm CSL0903VT1 Datasheet HTML 7Page - Rohm CSL0903VT1 Datasheet HTML 8Page - Rohm CSL0903VT1 Datasheet HTML 9Page - Rohm CSL0903VT1 Datasheet HTML 10Page - Rohm CSL0903VT1 Datasheet HTML 11Page - Rohm CSL0903VT1 Datasheet HTML 12Page - Rohm CSL0903VT1 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
[CSL0903VT1]
    
[Data Sheet]
4.Mounting
4-1. Soldering
4-2. Automatic Mounting
4-2-1.Suction nozzle
4-2-2.Mini Package (Smaller than 1608 size)
4-3. Mounting Location
4-4. Mechanical Stress after Mounting
4-5. Soldering Pattern for Recommendation
(Unit:mm)
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin expansion
and moisture absorption at humidity will cause heat stress during soldering process and finally has bad influence
on the product’s reliability.
・The product is not guaranteed for flow soldering.
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature shift
(within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
In case of carrying out flow soldering of surrounding parts without recommended conditions, please contact us for
inquiries.
・Please set appropriate reflow temperature based on our product usage conditions and specification.
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering with other parts
within the usage limitation after open the moistureproof package.
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions, it may cause the
discoloration of the resin.
・For our product that has no solder resist, because of its solder amount and soldering conditions, one of its
specific characteristics is that solder will penetrate into LED. Thus, there's high possibility that will influence its
reliability. Therefore, please be informed, concerning it before using it.
Excessive load may cause damage inside the LED product, so select an optimal suction nozzle according to the
material and shape of the LED product.
Vibration may result in low mounting rate since it will cause the static electricity of product and adhere to top cover
tape. We recommend to
・set magnet on parts feeder cassette of the mounter to control the product stabilization
・set ionizer to prevent electrostatic charge
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack or damage
of LED internal junction, therefore, please concern the mounting direction and position to avoid bending or
screwing with great stress of the circuit board.
Stress strength according to
the mounting position:
A>B>C>D
The mechanical stress may damage the LED after circuit mounting, so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
※The product has adopted the electrode structure that it should solder
with back electrode of the product.
Thus, please be informed that the shape of electrode pin of
solder fillet formation is not guaranteed.
The through hole on electrode surface is for conduction of front
and rear electrodes but not for formation of solder fillet.
9/15
2022.7 - Rev.002
www.rohm.com
©2022 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com