Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD3004-RQFW00A Datasheet(PDF) 1 Page - Rohm

Part # KD3004-RQFW00A
Description  For Large-sized, High-speed Label Printers with The Heat historical control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD3004-RQFW00A Datasheet(HTML) 1 Page - Rohm

  KD3004-RQFW00A Datasheet HTML 1Page - Rohm KD3004-RQFW00A Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/1
KD3004-RQFW00A
www.rohm.com
○
c
2019 ROHM Co., Ltd. All rights reserved.
2019.10 - Rev.001
Datasheet
For La rge -s iz ed , H i gh- s pee d Labe l Pri nte rs w i th The He at hi s to ri c al c ontro l
●Features
These thermal printheads are ideal for barcode label printers for industrial equipment that require high print quality.
This series can control the heat generation time of each heating element from the heat generation history.
●Applications
Ideal for barcode label printers used in assembly lines and distribution centers in factories that require 24-hour
operation and continuous printing for a long time.
●Dimensions (Unit : mm)
●Specifications
Item
Value
Unit
Print Width
108.416
mm
Number of dot
1280
dots
Resolutions
300
Dpi
Resistance Value
850
Ω
Platen Diameter
Max. 20
mm
Logic Voltage
3.13 to 5.25
V
Supply Voltage
24
V
Print Speed (Reference)
300
mm/sec
Abrasion Life
150
km
Pulse Life
100
million pulses
Historical Control
Yes
-


Similar Part No. - KD3004-RQFW00A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3004-DC10A ROHM-KD3004-DC10A Datasheet
85Kb / 5P
Thick Film Thermal Printhead (300dpi)
KD3004-DC10A ROHM-KD3004-DC10A Datasheet
165Kb / 4P
Thick Film Thermal Printhead (300dpi)
KD3004-DC10A ROHM-KD3004-DC10A_09 Datasheet
165Kb / 4P
Thick Film Thermal Printhead (300dpi)
KD3004-DC70A ROHM-KD3004-DC70A Datasheet
61Kb / 4P
Thick film thermal printhead (with thermal historical control)
KD3004-DC72A ROHM-KD3004-DC72A Datasheet
133Kb / 4P
Thick film thermal printhead (with thermal historical control)
More results

Similar Description - KD3004-RQFW00A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2002-RQFW00A ROHM-KD2002-RQFW00A Datasheet
88Kb / 2P
For Large-sized, High-speed Label Pr inters wi th The Heat histor ical cont rol
KD2003-RQFW00A ROHM-KD2003-RQFW00A Datasheet
90Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
KD2003-TQFW00A ROHM-KD2003-TQFW00A Datasheet
89Kb / 2P
For Large-sized, High-speed Label Printers series
KD2006-RQFW00A ROHM-KD2006-RQFW00A Datasheet
87Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
KD2006-TQFW00A ROHM-KD2006-TQFW00A Datasheet
86Kb / 2P
For Large-sized, High-speed Label Printers series
KD3003-RQFW00A ROHM-KD3003-RQFW00A Datasheet
333Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
2019.10 - Rev.001
KD3003-TQFW00A ROHM-KD3003-TQFW00A Datasheet
332Kb / 2P
For Large-sized, High-speed Label Printers series
2019.10 - Rev.001
KD3004-TQFW00A ROHM-KD3004-TQFW00A Datasheet
326Kb / 2P
For Large-sized, High-speed Label Printers series
2019.10 - Rev.001
KD3006-RQFW00A ROHM-KD3006-RQFW00A Datasheet
327Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
2019.10 - Rev.001
KD3006-TQFW00A ROHM-KD3006-TQFW00A Datasheet
326Kb / 2P
For Large-sized, High-speed Label Printers series
2019.10 - Rev.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com