Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30M36B2FLL Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT30M36B2FLL
Description  POWER MOS 7 FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30M36B2FLL Datasheet(HTML) 4 Page - Advanced Power Technology

  APT30M36B2FLL Datasheet HTML 1Page - Advanced Power Technology APT30M36B2FLL Datasheet HTML 2Page - Advanced Power Technology APT30M36B2FLL Datasheet HTML 3Page - Advanced Power Technology APT30M36B2FLL Datasheet HTML 4Page - Advanced Power Technology APT30M36B2FLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT30M36B2FLL_LFLL
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 200V
R
G = 5Ω
T
J = 125°C
L = 100µH
td(on)
td(off)
Eon
Eoff
Eon
Eoff
tr
tf
V
DD = 200V
R
G = 5Ω
T
J = 125°C
L = 100µH
40
60
80
100
120
140
40
60
80
100
120
140
40
60
80
100
120
140
0
5
10 15 20 25 30
35 40 45 50
80
70
60
50
40
30
20
10
0
2000
1500
1000
500
0
V
DD = 200V
I
D = 84A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
V
DD
= 200V
R
G
= 5
Ω
T
J
= 125°C
L = 100µH
E
ON includes
diode reverse recovery.
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE10,MAXIMUMSAFEOPERATINGAREA
FIGURE11,CAPACITANCEvsDRAIN-TO-SOURCEVOLTAGE
Qg,TOTALGATECHARGE(nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE12,GATECHARGESvsGATE-TO-SOURCEVOLTAGE
FIGURE13,SOURCE-DRAINDIODEFORWARDVOLTAGE
1
5
10
50 100
300
0
10
20
30
40
50
0
20
40
60 80 100 120 140 160 180
0.3
0.5
0.7
0.9
1.1
1.3
1.5
TC=+25°C
TJ=+150°C
SINGLE PULSE
336
100
50
10
5
1
16
14
12
10
8
6
4
2
0
I
D = 84A
20,000
10,000
5,000
1,000
500
100
10
200
100
50
10
5
1
OPERATIONHERE
LIMITEDBYRDS(ON)
Crss
Coss
Ciss
10mS
100µS
1mS
VDS=150V
VDS=60V
VDS=240V
TJ=+150°C
TJ=+25°C
140
120
100
80
60
40
20
0
3000
2500
2000
1500
1000
500
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com