Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90G301QF-R710 Datasheet(PDF) 10 Page - CML Microcircuits

Part # CMX90G301QF-R710
Description  CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G301QF-R710 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button CMX90G301QF-R710 Datasheet HTML 6Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 7Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 8Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 9Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 10Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 11Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 12Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 13Page - CML Microcircuits CMX90G301QF-R710 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1.4 - 7.1 GHz Positive Gain Slope Amplifier +1dB
CMX90G301
www.cmlmicro.com
Page 10
D/90G301/3 September 2022
Test conditions unless otherwise noted:-
Vd = Ven = 3.3 V, Ta = 25 ˚C, Z0 = 50 Ω
Figure 26: S21 Vd = Ven = 3.3V
Figure 27: S11 Vd = Ven = 3.3V
Figure 28: S12 Vd = Ven = 3.3V
Figure 29: S22 Vd = Ven = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com