Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90G302QF-R710 Datasheet(PDF) 14 Page - CML Microcircuits

Part # CMX90G302QF-R710
Description  CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G302QF-R710 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button CMX90G302QF-R710 Datasheet HTML 8Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 9Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 10Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 11Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 12Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 13Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 14Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 15Page - CML Microcircuits CMX90G302QF-R710 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
1.4 - 7.1 GHz Positive Gain Slope Amplifier +2dB
CMX90G302
www.cmlmicro.com
Page 14
D/90G302/3 September 2022
Thermal Design
The primary RF/DC ground and thermal path is via the exposed die pad on the backside of the package, which must be
connected to the PCB ground plane. An array of plated through-hole vias directly underneath the die pad area is
essential to conduct heat away and minimise ground inductance. A typical solution will have 9 grounding vias
connecting the top layer to the bottom layer, with inner diameter of 0.2 mm (and 0.025 mm plating) on 0.5 mm grid
pattern. The vias do not need to be filled. The PCB layout should provide a thermal radiator appropriate for the
intended operation, adding as much copper to inner and outer layers as possible to avoid excessive junction
temperature.
Device junction temperature (Tj) can be calculated using Tj = Tc + (Pdiss x Rjc) where Pdiss = Pdc + Pin – Pout and Tc is
the case temperature on the backside of the package (die pad) in contact with the PCB.
Ven Input
The device is enabled by applying a voltage between 1.8 V and 5.0 V to pin 16 (Ven). The resulting Id taken by the
device is relatively independent of the Ven voltage applied. If the enable feature is not required, the Ven pin can be
connected to the same voltage as Vd.
The device can be placed into standby mode when not in use by setting Ven low (<0.2V) to disable all circuitry.
If lower Ien and Id leakage current and/or if the highest forward isolation is needed in standby mode, a diode can be
used in series with the Ven pin to increase the switch-on threshold of the device. This can be particularly important at
elevated temperatures. Some suggested diodes in suitable packages (SOD-523F) for the evaluation board are:
-
1N914BWT-D PN fast switching diode
-
BAT43XV2-D Schottky diode
Evaluation Board & Bias Procedure
In general, sequencing of the Vd and Ven supplies is not necessary however applying Vd before or simultaneously with
Ven is recommended.
The separate through line can be used to measure the evaluation board and connector losses. These results can then
be used to de-embed the device performance from evaluation board measurements.
Figure 34: Insertion Loss – through line
Figure 35: Return Loss – through line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com