Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90G302QF-R330 Datasheet(PDF) 12 Page - CML Microcircuits

Part # CMX90G302QF-R330
Description  CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G302QF-R330 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button CMX90G302QF-R330 Datasheet HTML 8Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 9Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 10Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 11Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 12Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 13Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 14Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 15Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1.4 - 7.1 GHz Positive Gain Slope Amplifier +2dB
CMX90G302
www.cmlmicro.com
Page 12
D/90G302/3 September 2022
Application Information
Schematic Diagram
Figure 31: EV90G302 Schematic
Bill Of Materials (BOM)
Reference
Designator
Value
Size
Description
C1
1 uF
0603
16V, +/- 10 %
C2
10 nF
0402
16V, +/- 10%
C3
DNF
0402
C4
10 nF
0402
16V, +/- 10%
C5
1nF
0402
25V, +/- 5%
C6
DNF
0402
R1
0R
0402
0.063W
D1
DNF
SOD-523F
Notes
•
DNF = Do not fit component
PCB Layout
Careful layout of the printed circuit board (PCB) is essential for optimum RF and thermal performance. The
recommended layout, including ground via pattern underneath the device, may be taken from the evaluation board
(Part Number EV90G302).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com