Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECU-1050TL-R10AA Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ECU-1050TL-R10AA
Description  Cloud enabled Intelligent Communication Gateway for IIOT application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1050TL-R10AA Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ECU-1050TL-R10AA Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power & Energy Solution
Features
RoHS
COMPLIANT
2002/95/EC
Unit: mm
ECU-1050
NEW
ƒ
TI Cortex A8 600MHz CPU with DDR3L 256MB RAM
ƒ
Web service for remotely on-line monitoring
ƒ
Firmware update by SD card and online update
ƒ
Data logger on SD card
ƒ
Support dual SIM slots for communication redundant
ƒ
Support MQTT Client for cloud communication
ƒ
Wide Operating temperature: -40 ~ 70°C
Cloud enabled
Intelligent Communication Gateway
for IIOT application
Introduction
For facility monitoring, distributed solar power, smart factory sector, especially cloud based applications which require a total wireless and Ethernet communication solutions, Advantech
has released the ECU-1050TL RISC-based industrial communication gateway. ECU-1050TL has an open platform design with Cortex A8 processor, one 10/100 Ethernet ports and
operating temperature range of -40~70°C. With Linux operating system and open Edgelink SDK, which enable to system integrators to develop applications which precisely fit their need.
Specifications
General
ƒ
Certification
CE, FCC
ƒ
Mounting
Wall-Mount/ DIN-Rail
ƒ
Power consumption (typical) 2.4W @ 24VDC
ƒ
Power Requirements
10 ~ 30 VDC
System
ƒ
CPU
TI Cortex A8, 600MHz
ƒ
Memory
DDR3L 256MB
ƒ
Indicators
LEDs for Power, LAN (LINK, ACT),
Programmable
ƒ
Storage
512MB NAND Flash
ƒ
SD Slot
1 x Micro-SD slot
ƒ
Watchdog
Yes
ƒ
Real-time clock
Yes
Communication
ƒ
Ethernet Port
1 x 10/100 Base-T RJ-45 ports
ƒ
Wireless (Optional)
Interface: 2x Mini-PCIe (Full-size)
Type: WIFI/4G/Cellular
Signal: USB
ƒ
Communication Protocol
IEC-60870-5-104
Modbus TCP/RTU
MQTT
FTP/HTTP/DHCP/TCP/IP
ƒ
PLC Driver Support
100+ PLC drivers
ƒ
Data Logger
Real-time datalogger
ƒ
Database uplink
ODBC/ FTP
ƒ
Programming support
Linux C, Restful API, Web service API.
Event Manager
Software
ƒ
OS Support
RT-Linux 4.9
ƒ
Configuration Tool
Advantech Edgelink Studio
Environment
ƒ
Operating Temperature
-40~70°C
ƒ
Storage Temperature
-40~85°C
ƒ
Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
ECU-1050TL-R10AA
TI Cortex A8 industrial communication gateway with
Edgelink
Cellular Solution (SIM card is not included)
ƒ
96PD-EC25EFA
LTE Cat 4 Module with GNSS
ƒ
1750006264
SMA(F) Cable, 15 cm
ƒ
1750005865
Dipole Antenna, 11 cm
WIFI Solution (recommended)
ƒ
96PD-RYUW131
2.4GHz Wi-Fi Full/Half Size Mini PCIe Card
ƒ
1750006043
SMA(M) cable, 15 cm
ƒ
1750000318
2dBi antenna for testing, 11 cm
Storage Solution
ƒ
96FMMSDI-4G-ET-AT1 ATP 4G MICRO SD CARD I-GRD SLC(G)
ƒ
96FMMSDI-8G-ET-AT1 ATP 8G MICRO SD CARD I-GRD SLC(G)
Dimensions
All product specifications are subject to change without notice.
Last updated: 12-Oct-2021


Similar Part No. - ECU-1050TL-R10AA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-1050TL ADVANTECH-ECU-1050TL Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
More results

Similar Description - ECU-1050TL-R10AA

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
Kemet Corporation
ESRP-PCS-ADAM6717 KEMET-ESRP-PCS-ADAM6717 Datasheet
185Kb / 1P
Compact Intelligent Gateway
28-Jul-2021
logo
Advantech Co., Ltd.
ECU-1051E ADVANTECH-ECU-1051E Datasheet
338Kb / 1P
Cloud enabled Intelligent Communication Gateway for IIOT application
31-Aug-2022
ECU-1051TL ADVANTECH-ECU-1051TL Datasheet
252Kb / 1P
Cloud enabled Intelligent Communication Gateway for IIOT application
26-Jun-2018
ECU-1251D ADVANTECH-ECU-1251D Datasheet
299Kb / 2P
Cloud enabled Intelligent Communication Gateway with DI/DO for IIOT application
11-Sep-2021
ESRP-PCS-ADAM3600 ADVANTECH-ESRP-PCS-ADAM3600_V01 Datasheet
810Kb / 2P
Cloud-Enabled Modular DAQ Platform for Industrial IoT
ESRP-PCS-ECU1251 ADVANTECH-ESRP-PCS-ECU1251 Datasheet
1Mb / 2P
Edge Intelligent IIoT Protocol Gateway
WISE-750 ADVANTECH-WISE-750 Datasheet
363Kb / 1P
Intelligent Vibration Gateway
10-Aug-2021
WISE-2834 ADVANTECH-WISE-2834 Datasheet
188Kb / 1P
Intelligent RFID Gateway
16-Apr-2021
ESRP-PCS-ECU4553 ADVANTECH-ESRP-PCS-ECU4553 Datasheet
680Kb / 2P
Edge Intelligent IIoT Protocol Gateway Edge Communication for Public Infrastructure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com