Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECU-1152TL-R11ABE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ECU-1152TL-R11ABE
Description  TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1152TL-R11ABE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ECU-1152TL-R11ABE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power & Energy Solution
Features
ƒ TI Cortex A8 800 MHz CPU
ƒ DDR3L512 MB RAM
ƒ 1 GB Micro SD card for system storage
ƒ 1 x Micro SD slot
ƒ 6 x RS-232/485 isolated serial ports
ƒ 2 x 10/100 Base-T Ethernet ports
ƒ 1 x Mini-PCIe for Wi-Fi/Cellular/4G
ƒ Supports web access for remote online monitoring
ƒ Supports Micro-SD cards and online firmware updates
ƒ Supports Modbus and IEC-60870 protocol
ƒ Supports data logging to Micro-SD card
ƒ RTLinux operating system
ƒ -40 ~ 70°C operating temperature range
TI Cortex A8 Industrial Communication
Gateway with 2 x LAN and 6 x COM Ports
Introduction
For solar power, electricity, and factory-related applications that require comprehensive wireless and Ethernet communication solutions, Advantech developed its ECU-1152 RISC-
based industrial communication gateway. ECU-1152 features an open platform design with a Cortex A8 processor, six RS-232/485 isolated serial ports, two 10/100 Ethernet ports,
and an operating temperature of -40 ~ 70°C. ECU-1152 is equipped with a Linux operating system and open Edgelink SDK to enable system integrators to develop applications
specific for their application requirements.
Specifications
General
ƒ
Certification
CE, FCC (No RED certification)
ƒ
Mounting
Wall/ DIN rail
ƒ
Power Consumption
2.4W @ 24VDC (typical)
ƒ
Power Requirements
10 ~ 30 VDC
System
ƒ
CPU
TI Cortex A8, 800MHz
ƒ
Memory
DDR3L 512MB
ƒ
Indicators
Programmable LEDs for Power, LAN (LINK, ACT),
Serial (Tx, Rx)
ƒ
Storage
1 GB Micro SD card for system storage
ƒ
SD Slot
1 x Micro SD
ƒ
Watchdog
Yes
ƒ
Real-Time Clock
Yes
ƒ
Node ID
8-bit
Communication
ƒ
Serial Port
6 x RS-232/485
Isolation 3000 VDC
ƒ
Serial Port Speed
RS-232/RS-485: 50 ~ 115200 bps
ƒ
Ethernet Port
2 x 10/100 Base-T RJ-45 ports
ƒ
USB Port
1 x USB
ƒ
Wireless (Optional)
Interface: 1x Mini PCIe (full size)
Type: Wi-Fi/Cellular/4G
Signal: USB
Software
ƒ
OS Support
RTLinux 3.12
ƒ
Configuration Tool
Advantech Edgelink Studio
ƒ
Protocol Support
Modbus, IEC-60870
ƒ
Programming
Linux C
ƒ
PLC driver Support
Mitsubishi,Siemens,Omron,Delta
Environment
ƒ
Operating Temperature -40 ~ 70°C
ƒ
Storage Temperature
-40 ~ 85°C
ƒ
Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
ECU-1152-R11ABE
TI Cortex A8 industrial communication gateway with
2 x LAN, 6 x COM, 1 x Mini PCIe
ƒ
ECU-1152TL-R11ABE
ECU-1152 w/ Edgelink SW
ƒ
1950020136T001
DIN-Rail buckle
Wi-Fi Solution
ƒ
96PD-RYUW131
2.4GHz Wi-Fi Full/Half Size Mini PCIe Card
ƒ
1750006043
SMA(M) cable, 15 cm
ƒ
1750000318
2dBi antenna for testing, 11 cm
Cellular Solution (SIM card not included)
ƒ
96PD-EC25EFA
LTE Cat 4 Module with GNSS
ƒ
1750006264
SMA(F) cable, 15 cm
ƒ
1750005865
Dipole antenna, 11 cm
Storage Solution
ƒ
96FMMSDI-4G-ET-AT1 ATP 4G MICRO SD CARD I-GRD SLC(G)
ƒ
96FMMSDI-8G-ET-AT1 ATP 8G MICRO SD CARD I-GRD SLC(G)
ECU-1152
NEW
Dimensions
Unit: mm
180
190
170
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 22-Dec-2020


Similar Part No. - ECU-1152TL-R11ABE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-1152TL-R11A ADVANTECH-ECU-1152TL-R11A Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
More results

Similar Description - ECU-1152TL-R11ABE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-4673A ADVANTECH-UNO-4673A Datasheet
455Kb / 2P
Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4683 ADVANTECH-UNO-4683 Datasheet
455Kb / 2P
Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-1110 ADVANTECH-UNO-1110_15 Datasheet
192Kb / 1P
TI Cortex AM3505 DIN-Rail PC with 2 x LAN, 5 x COM, 4 x USB
UNO-4673A ADVANTECH-UNO-4673A_15 Datasheet
198Kb / 1P
Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4673A-A33E ADVANTECH-UNO-4673A-A33E Datasheet
198Kb / 1P
Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
logo
Moxa Inc.
UC-8100A-ME-T MOXA-UC-8100A-ME-T Datasheet
1Mb / 6P
Arm Cortex-A8 1 GHz IIoT gateway
logo
Advantech Co., Ltd.
ECU-150 ADVANTECH-ECU-150 Datasheet
690Kb / 2P
NXP i.MX8M Quad Core Cortex A53 High-Performance IoT Gateway with 2 x LAN, 2 x COM, 1 x USB
29-Dec-2021
ECU-1251 ADVANTECH-ECU-1251 Datasheet
132Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
ECU-1252 ADVANTECH-ECU-1252 Datasheet
366Kb / 1P
TI Cortex A9 Industrial Communication Gateway with 2 x CAN, 2 x LAN, 2 x COM Ports
14-Dec-2021
ECU-4553 ADVANTECH-ECU-4553 Datasheet
191Kb / 1P
TI Cortex4 A8 Power Automation Computer with 4 x LAN, 16 x COM Ports
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com