Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECU-1251D-R10AA Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ECU-1251D-R10AA
Description  Cloud enabled Intelligent Communication Gateway with DI/DO for IIOT application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1251D-R10AA Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ECU-1251D-R10AA Datasheet HTML 1Page - Advantech Co., Ltd. ECU-1251D-R10AA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ECU-1251D
Dimensions
Unit: mm
Ordering Information
ƒ
ECU-1251D-R10AA
TI Cortex A8 industrial communication gateway with
Edgelink
Cellular Solution (SIM card is not included)
ƒ
96PD-EC25EFA
LTE Cat 4 Module with GNSS
ƒ
1750006264
SMA(F) Cable, 15 cm
ƒ
1750005865
Dipole Antenna, 11 cm
WIFI Solution (recommended)
ƒ
96PD-RYUW131
2.4GHz Wi-Fi Full/Half Size Mini PCIe Card
ƒ
1750006043
SMA(M) cable, 15 cm
ƒ
1750000318
2dBi antenna for testing, 11 cm
Storage Solution
ƒ
96FMMSDI-4G-ET-AT1 ATP 4G MICRO SD CARD I-GRD SLC(G)
ƒ
96FMMSDI-8G-ET-AT1 ATP 8G MICRO SD CARD I-GRD SLC(G)
Front View
Top View
LED
LAN
RS232/485 x 2
DI x 4
DI-GND
DO x 4
DO-GND
DO-COM
SIM Slot x 2
USB
SD Slot
Power In



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com