Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECU-1252TL-R22AA Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ECU-1252TL-R22AA
Description  TI Cortex A9 Industrial Communication Gateway with 2 x CAN, 2 x LAN, 2 x COM Ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1252TL-R22AA Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ECU-1252TL-R22AA Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power & Energy Solution
Features
RoHS
COMPLIANT
2002/95/EC
NEW
ƒ
TI Cortex A9 600MHz CPU
ƒ
DDR3L 2GB RAM
ƒ
16GB eMMC for system storage
ƒ
1 x Micro-SD Slot
ƒ
2 x CAN port
ƒ
2 x RS-232/485 isolated serial ports
ƒ
2 x 1000 Base-T Ethernet ports
ƒ
1 x Mini-PCIe for WIFI/Cellular/4G
ƒ
Support web service for remotely on-line monitoring
ƒ
Support SD card & on-line firmware update
ƒ
Support Modbus, IEC-60870-101/104 protocol
ƒ
Support Data logger on SD card
ƒ
Operation System: RT-Linux
ƒ
Operation Temperature -40~70°C
TI Cortex A9 Industrial Communication
Gateway with 2 x CAN, 2 x LAN, 2 x COM
Ports
Introduction
For solar power, electricity and factory related applications which require a total wireless and Ethernet communication solutions, Advantech has released the ECU-1252 RISC-
based industrial communication gateway. ECU-1252 has an open platform design with Cortex A9 processor, up to 2 RS-232/485 isolated serial ports, 2 CAN ports, 2 1000 Base-T
Ethernet ports and operating temperature range of -40~70°C.With Linux operating system and open Edgelink SDK, which enable system integrators to develop applications
precisely fit their need.
Specifications
General
ƒ
Certification
CE, FCC
ƒ
Mounting
Wall-Mount/ DIN-Rail
ƒ
Power consumption (typical) 2.4W @ 24VDC
ƒ
Power Requirements
10 ~ 30 VDC
System
ƒ
CPU
TI Cortex A9, 600MHz
ƒ
Memory
DDR3L 2GB
ƒ
Indicators
LEDs for Power, Run, Error, LAN (LINK, ACT),
Serial (Tx, Rx), Programmable
ƒ
Storage
16GB eMMC for system storage
ƒ
SD Slot
1 x Micro-SD slot
ƒ
Watchdog
Yes
ƒ
Real-time clock
Yes
ƒ
Node ID
8-bit
ƒ
Security
TPM 2.0
Communication
ƒ
Serial Port
2 x RS-232/485
ƒ
Isolation
3000 VDC
ƒ
Serial Port Speed
50 ~ 115200bps
ƒ
Ethernet Port
1 x 100/1 x 1000 Base-T RJ-45 ports
ƒ
CAN Port
2 x CAN (2PIN)
ƒ
Wireless (Optional)
Interface: 1x Mini-PCIe (Full-size)
Type: WIFI/Cellular/4G
Signal: USB
Software
ƒ
OS Support
RT-Linux 4.9
ƒ
Configuration Tool
Advantech Edgelink Studio
ƒ
Protocol Support
Modbus, IEC-60870-101(master)/ 104(slave)
ƒ
Programming
Linux C
Environment
ƒ
Operating Temperature
-40~70°C
ƒ
Storage Temperature
-40~85°C
ƒ
Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
ECU-1252TL-R22AA
TI Cortex A9 Industrial Communication Gateway with
2 x CAN, 2 x LAN, 2 x COM Ports
Wi-Fi Solution
ƒ
96PD-RYUW131
2.4GHz Wi-Fi Full/Half Size Mini PCIe Card
ƒ
1750006043
SMA(M) cable, 15 cm
ƒ
1750000318
2dBi antenna for testing, 11 cm
Cellular Solution (SIM card is not included)
ƒ
96PD-EC25EFA
LTE Cat 4 Module with GNSS
ƒ
1750006264
SMA(F) Cable, 15 cm
ƒ
1750005865
Dipole Antenna, 11 cm
ƒ
96PD-MDG200AU0
AMIC 4G.Cat4 Socket Modem(US)
ƒ
1750006264
SMA(F) Cable, 15 cm
ƒ
1750008303-01
Antenna AN0727-64SP6BSM
Storage Solution
ƒ
96FMMSDI-4G-ET-AT1 ATP 4G MICRO SD CARD I-GRD SLC(G)
ƒ
96FMMSDI-8G-ET-AT1 ATP 8G MICRO SD CARD I-GRD SLC(G)
ECU-1252
Dimensions
Unit: mm
30
96.50
96.50
18
18
3.50
All product specifications are subject to change without notice.
Last updated: 14-Dec-2021


Similar Part No. - ECU-1252TL-R22AA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-1252 ADVANTECH-ECU-1252 Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
More results

Similar Description - ECU-1252TL-R22AA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-1019 ADVANTECH-UNO-1019 Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
UNO-2052E ADVANTECH-UNO-2052E Datasheet
110Kb / 1P
AMD GX2 UNO with 2 x CAN, LAN
UNO-2053E ADVANTECH-UNO-2053E Datasheet
580Kb / 1P
AMD Geode GX Fanless Box PC with 2 x LAN, 2 x COM, Audio, PC Card
APAX-6572 ADVANTECH-APAX-6572_15 Datasheet
159Kb / 1P
Intel짰 Atom??D510 1.66 GHz, 2 GB RAM Controller with 3 x LAN, 2 x COM, VGA
UNO-1110 ADVANTECH-UNO-1110_15 Datasheet
192Kb / 1P
TI Cortex AM3505 DIN-Rail PC with 2 x LAN, 5 x COM, 4 x USB
UNO2184G1401E-T ADVANTECH-UNO2184G1401E-T_15 Datasheet
202Kb / 1P
Intel짰 Core??i3 Automation Computer with 2 x GbE, 2 x COM Ports, DVI-I/HMDI
ECU-150 ADVANTECH-ECU-150 Datasheet
690Kb / 2P
NXP i.MX8M Quad Core Cortex A53 High-Performance IoT Gateway with 2 x LAN, 2 x COM, 1 x USB
29-Dec-2021
ECU-1152 ADVANTECH-ECU-1152 Datasheet
145Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports
22-Dec-2020
ECU-1251 ADVANTECH-ECU-1251 Datasheet
132Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
ECU-4553 ADVANTECH-ECU-4553 Datasheet
191Kb / 1P
TI Cortex4 A8 Power Automation Computer with 4 x LAN, 16 x COM Ports
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com