Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECU-4553-R12SAE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ECU-4553-R12SAE
Description  TI Cortex4 A8 Power Automation Computer with 4 x LAN, 16 x COM Ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-4553-R12SAE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ECU-4553-R12SAE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power & Energy Solution
Features
ƒ TI Cortex A8 800MHz CPU
ƒ DDR3L 1GB RAM
ƒ 1GB Micro-SD card for system storage; 1 x Micro-SD Slot
ƒ 1 x IRIG-B
ƒ 16 x RS-232/485 isolated serial ports
ƒ 4 x 10/100 Base-T Ethernet ports
ƒ 2 x CAN2.0B
ƒ Support Data logger on SD card
ƒ Operation System: RT-Linux
ƒ Operation Temperature -40 ~ 70°C
TI Cortex4 A8 Power Automation
Computer with 4 x LAN, 16 x COM Ports
Introduction
For solar power, electricity and factory related applications which require Ethernet and Serial Port communication solutions, Advantech has released the ECU-4553 RISC-based
industrial communication gateway. ECU-4553 has an open platform design with Cortex A8 processor, 16 x RS-232/485 isolated serial ports, 4x10/100 Ethernet ports and operating
temperature range from -40 to 70°C.WithLinux operating system and open TagLink SDK, which enable to system integrators to develop applications which precisely ft their need.
Specifications
General
ƒ
Certification
CE, FCC
ƒ
Mounting
1U Rackmount
ƒ
Power Consumption (typical) 10 W
ƒ
Power Requirements
100 ~ 240 VAC, 100 ~ 240 VDC
System
ƒ
CPU
TI Cortex A8, 800MHz
ƒ
Memory
DDR3L 1GB
ƒ
Indicators
LEDs for Power, LAN (LINK, ACT), CAN (Tx, Rx)
Serial (Tx, Rx), Programmable
ƒ
Storage
1GB Micro-SD card for system storage
ƒ
SD Slot
1 x Micro-SD slot
ƒ
Watchdog
Yes
ƒ
Real-time clock
Yes
ƒ
Node ID
8-bit
Communication
ƒ
Serial Port
16 x RS-232/48 5 (Terminal Block)
ƒ
Isolation
3000 VDC
ƒ
Serial Port Speed
RS-232/RS-485: 50 ~ 115.2 kbps
ƒ
Ethernet Port
4 x 10/100 Base-T RJ-45 ports
ƒ
USB Port
1 x USB2.0B
ƒ
CAN
2 x CAN2.0 B
ƒ
Isolation
3000 VDC
Time Synchronization Interface
ƒ
Type
IRIG-B (RS-422)
ƒ
Channel
1
ƒ
Support Format
IRIG-B00X according to IRIG STANDARD 04, 200-98
ƒ
Message Syntax
QQQHHMMSS (year, day, hour, minute & second)
ƒ
Resolution of Time
1s
Power Fail
ƒ
Relay
Relay Output Form C
Contact 5A @ 125VAC/ 5A @ 30VDC
Channel 1
Software
ƒ
OS Support
RT-Linux 3.12
ƒ
Programming
Linux C
Environment
ƒ
Operating Temperature -40 ~ 70°C
ƒ
Storage Temperature
-40 ~ 85°C
ƒ
Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
ECU-4553-R12SAE
TI Cortex A8 Power Automation Computer with
4 x LAN, 16 x COM, 2 x CAN, 1 x IRIG-B
Storage Solution
ƒ
96FMMSDI-4G-ET-AT1 ATP 4G MICRO SD CARD I-GRD SLC(G)
ƒ
96FMMSDI-8G-ET-AT1 ATP 8G MICRO SD CARD I-GRD SLC(G)
RoHS
COMPLIANT
2002/95/EC
ECU-4553
NEW
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - ECU-4553-R12SAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-4553L ADVANTECH-ECU-4553L Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
ECU-4553TL ADVANTECH-ECU-4553TL Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
More results

Similar Description - ECU-4553-R12SAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-1019 ADVANTECH-UNO-1019 Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
ITA-1000 ADVANTECH-ITA-1000_12 Datasheet
834Kb / 2P
Intel짰 Atom??N270 Fanless Compact System with Dual LAN, 12 x COM, 16 x DI, and 16 x DO Ports
UNO-1110 ADVANTECH-UNO-1110_15 Datasheet
192Kb / 1P
TI Cortex AM3505 DIN-Rail PC with 2 x LAN, 5 x COM, 4 x USB
UNO2184G1401E-T ADVANTECH-UNO2184G1401E-T_15 Datasheet
202Kb / 1P
Intel짰 Core??i3 Automation Computer with 2 x GbE, 2 x COM Ports, DVI-I/HMDI
UNO-4678 ADVANTECH-UNO-4678_14 Datasheet
173Kb / 1P
Intel짰 Celeron짰 M Power & Energy Automation Computers with 3 x LAN, 8 x COM, PC/104
ECU-4784 ADVANTECH-ECU-4784_15 Datasheet
184Kb / 1P
Intel짰 Haswell Core i7 Power & Energy Automation Computer with 8 x LAN, 10 x COM and 2 x Expansion Slots
ECU-1152 ADVANTECH-ECU-1152 Datasheet
145Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports
22-Dec-2020
ECU-1251 ADVANTECH-ECU-1251 Datasheet
132Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
ECU-1252 ADVANTECH-ECU-1252 Datasheet
366Kb / 1P
TI Cortex A9 Industrial Communication Gateway with 2 x CAN, 2 x LAN, 2 x COM Ports
14-Dec-2021
UNO-247 ADVANTECH-UNO-247 Datasheet
514Kb / 2P
Intel® Celeron J3455 processor IoT Edge Computer, with 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, 1 x VGA
5-Aug-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com