Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFH500F-28-100-R Datasheet(PDF) 1 Page - TDK Electronics

Part # PFH500F-28-100-R
Description  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PFH500F-28-100-R Datasheet(HTML) 1 Page - TDK Electronics

  PFH500F-28-100-R Datasheet HTML 1Page - TDK Electronics PFH500F-28-100-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC-DC Power Supplies
1 of 2
Creation Date : June 28, 2022 (GMT)
PFH500F-28-100-R
RoHS
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Sales Region
Worldwide (except Japan)
Series
PFH
Model
Status
Production
Feature
MIL-STD-810 Vibration and Shock
Options
Threaded mounting insert
Option Lineup
Please refer to here.
Recommended EMC Filter
Accessories
Please refer to here.
Brand
TDK-Lambda
Electrical Characteristics
Input
Single-phase
Input Voltage Range[AC]
85 to 265Vac
Input Voltage Range[DC]
Efficiency
92% Typ.
Rated Output Voltage[DC]
28Vdc
Output Voltage Range[DC]
22.4 to 33.6Vdc
Maximum Output Current
18A
Maximum Output Power
504W
Package Type & Size
Package / Mounting
PCB mount
Industry Standard Size
Width(W)
101.6mm Nom. (4.00in Nom.)
Height(H)
13.3mm Nom. (0.52in Nom.)
Depth(D)
61mm Nom. (2.40in Nom.)
Weight
225g Typ. (0.5lbs Typ.)
Other
Operating Temp. Range
-40 to 100°C
Cooling
Conduction
Safety Standard(Certified)
IEC60950-1
EN60950-1
UL60950-1
IEC62368-1
CSA C22.2 No.62368-1-14
EN62368-1
UL62368-1


Similar Part No. - PFH500F-28-100-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PFH500F-28-1D0-R TDK-PFH500F-28-1D0-R Datasheet
247Kb / 2P
AC-DC Power Supplies
June 28, 2022
More results

Similar Description - PFH500F-28-100-R

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com