Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT1101R2BFLL Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT1101R2BFLL
Description  POWER MOS 7 FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT1101R2BFLL Datasheet(HTML) 3 Page - Advanced Power Technology

  APT1101R2BFLL Datasheet HTML 1Page - Advanced Power Technology APT1101R2BFLL Datasheet HTML 2Page - Advanced Power Technology APT1101R2BFLL Datasheet HTML 3Page - Advanced Power Technology APT1101R2BFLL Datasheet HTML 4Page - Advanced Power Technology APT1101R2BFLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Curves
APT1101R2BFLL_SFLL
5.5V
6V
6.5V
7.5V
VGS =15 & 10V
VGS=10V
VGS=20V
TJ = +125°C
TJ = +25°C
TJ = -55°C
VDS> ID (ON) x RDS (ON)MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
FIGURE 3, LOW VOLTAGE OUTPUT CHARACTERISTICS
V
GS
, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D
, DRAIN CURRENT (AMPERES)
FIGURE 4, TRANSFER CHARACTERISTICS
FIGURE 5, R
DS
(ON) vs DRAIN CURRENT
T
C
, CASE TEMPERATURE (°C)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
T
J
, JUNCTION TEMPERATURE (°C)
T
C
, CASE TEMPERATURE (°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
7V
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
9
0
2
4
6
8
10
12
14
16 18
20
25
50
75
100
125
150
-50 -25
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125 150
-50
-25
0
25
50
75
100
125
150
30
25
20
15
10
5
0
10
9
8
7
6
5
4
3
2
1
0
3
2.5
2.0
1.5
1.0
0.5
0
I
D
= 5A
V
GS
= 10V
NORMALIZED TO
V
GS
= 10V @ 5A
25
20
15
10
5
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.164
0.257
0.00592F
0.125F
Power
(watts)
RC MODEL
Junction
temp. (
°C)
Case temperature. (
°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com