Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36MB..A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 36MB..A
Description  Single Phase Bridge Rectifier, 25 A, 35 AS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36MB..A Datasheet(HTML) 2 Page - Vishay Siliconix

  36MB..A Datasheet HTML 1Page - Vishay Siliconix 36MB..A Datasheet HTML 2Page - Vishay Siliconix 36MB..A Datasheet HTML 3Page - Vishay Siliconix 36MB..A Datasheet HTML 4Page - Vishay Siliconix 36MB..A Datasheet HTML 5Page - Vishay Siliconix 36MB..A Datasheet HTML 6Page - Vishay Siliconix 36MB..A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-MB High Voltage Series
www.vishay.com
Vishay Semiconductors
Revision: 15-Jan-2019
2
Document Number: 93564
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
26MB..A
VALUES
36MB..A
UNITS
Maximum DC output current
at case temperature
IO
Resistive or inductive load
25
35
A
Capacitive load
20
28
65
60
°C
Maximum peak, one cycle
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Initial
TJ = TJ maximum
400
475
A
t = 8.3 ms
420
500
t = 10 ms
100 % VRRM
reapplied
335
400
t = 8.3 ms
350
420
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
790
1130
A2s
t = 8.3 ms
725
1030
t = 10 ms
100 % VRRM
reapplied
560
800
t = 8.3 ms
512
730
Maximum I2
t for fusing
I2
t
I2t for time tx = I2t x tx;
0.1
 t
x  10 ms, VRRM = 0 V
5.6
11.3
kA2
s
Low level of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), 
TJ maximum
0.70
0.74
V
High level of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ maximum
0.75
0.79
Low level forward slope resistance
rt1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), 
TJ maximum
7.0
5.5
m
High level forward slope resistance
rt2
(I >
 x I
F(AV)), TJ maximum
6.4
5.2
Maximum forward voltage drop
VFM
TJ = 25 °C, tp = 400 μs, IFM = 40 Apk (26MB),
IFM = 55 Apk (36MB)
1.25
1.3
V
Maximum DC reverse current per diode
IRRM
TJ = 25 °C, at VRRM
10
10
µA
RMS isolation voltage base plate
VISOL
f = 50 Hz, t = 1 s
2700
2700
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
26MB-A
VALUES
36MB-A
UNITS
Junction and storage
temperature range
TJ, TStg
-55 to 150
°C
Maximum thermal resistance,
junction to case per bridge
RthJC
1.7
1.35
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat, and greased
0.2
Mounting torque ± 10 %
Bridge to heatsink
2.0
Nm
Approximate weight
20
g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com