Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45129/11 Datasheet(PDF) 2 Page - Alpha Wire

Part # 45129/11
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

45129/11 Datasheet(HTML) 2 Page - Alpha Wire

  45129/11 Datasheet HTML 1Page - Alpha Wire 45129/11 Datasheet HTML 2Page - Alpha Wire 45129/11 Datasheet HTML 3Page - Alpha Wire 45129/11 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable Specifications
Environmental
Properties
CRU AWM I/II A/B 125C 300 V FT1
P-07-KA140023-MSHA CE ROHS
(SEQ FOOTAGE)
* = Factory Code
1) UL
AWM/STYLE 20237
125°C / 300 VRMS
PLTC
105°C
AWM/STYLE 21918
125°C / 300 VRMS
SUN RES
2) CSA International
C(RU) AWM I/II A/B FT1
125°C / 300 VRMS
SUN RES (Black only)
3) Other
PENNSYLVANIA BUREAU OF MINE
SAFETY APPROVED
4) CE:
EU Low Voltage Directive 2014/35/EU
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011 and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on
the Consent Judgement. See the Alpha Wire website for more information.
Physical & Mechanical Properties
1) Temperature Range
-50 to 125°C
2) Bend Radius
10X Cable Diameter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com