Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3710 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3710
Description  Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3710 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3710 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
RoHS
COMPLIANT
2002/95/EC
NEW
ƒ
Rockchip RK3399 ARM Dual Cortex-A72 and Quad Cortex-A53 1.8 GHz
ƒ
Onboard LPDDR4 2 GB
ƒ
HDMI 1920x1080 at 60Hz
ƒ
Dual Lan, 1 2-wire RS-232, 1 USB3.0, 1 USB2.0, 1 Micro SD
ƒ
1 mini-PCIe for LTE/WiFi/BT
ƒ
Compatible with UIO40-Express modules: UIO-4030, UIO-4032 and
UIO-4034
ƒ
Supports Linux and Android
ƒ
4 Kinds of Rear I/O for Each Vertical Focus: IEM, Self Service, Automation
and Networking
EPC-R3710
Rockchip RK3399 Cortex-A72
UIO40-Express Edge AI Box Computer
Introduction
EPC-R3710 is an Arm based Box Computer powered by a high-performance Rockchip RK3399 ARM dual Cortex-A72 and quad Cortex-A53 high performance processor which supports
4K display from HDMI. It offers both rich display as dual HDMI/LVDS/eDP and rich IO as dual GbE/2serials/3USB/12GPIO. EPC-R4710 also features Mini-PCIe slot for integrating
Wi-Fi, Bluetooth, and 3G/4G modules. It is an ideal solution for HMI, IoT gateway, healthcare application.
Specifications
Model
EPC-R3710NO-XAA100
EPC-R3710NO-XAA120
EPC-R3710NO-XAA140
EPC-R3710NO-XAA160
Processor System
CPU
Rockchip RK3399 ARM dual Cortex-A72 and quad Cortex-A53 1.8 GHz
Memory
Technology
LPDDR4
Capacity
2 GB On-board
Flash
16GB of eMMC NAND Flash for OS and Advantech's boot loader
Graphics
HDMI
1 HDMI 2.0, 1920 x 1080 at 60Hz
Graphics Engine
OpenGL ES 1.1/2.0/3.1, OpenCL 1.1, DirectX 11
H/W Video Codec
Decoder: MPEG-1, MPEG-2, MPEG-4, H.263, H.264, AVS, VC-1, VP8, MVC, HEVC/H.265 decoder, 4k@60FPS
Encoder: H.264 (BP@level4.0, MP, HP@level4.0), MVC and VP8
Ethernet
Chipset
RTL8211FSI
Speed
2 10/100/1000 Mbps
Watchdog Timer
Watchdog Timer
Yes
Front I/O
USB
1 x USB3.0 Type A, 1 x USB 2.0 Type A
GbE
2 x RJ45 for GbE
Rear I/O
1 x RS-485, 1 x 2 wires RS-232
4 x DIs, 4 x DOs
2 x 2 wires RS-232
1 x GbE, 2 x USB 2.0
2 x 2 wires RS-232
4 X GbE (Hub)
Expansion
Full-Size Mini PCIe
1 Full Size Mini PCIe Slot (with PCIE/USB)
M.2 Micro
-
SD Socket
1 Micro SD Socket
SIM
1 Nano SIM Slot
Antenna Holes
3
Power
Power Supply Voltage
+12V
Power Type
Lockable DC-Jack
Power Consumption
11.5W(burning)
Environment
Operating Temperature
0 ~ 50 °C/-20 ~ 70 °C
Operating Humidity
5% ~ 95% relative humidity, non-condensing
Mechanical
Dimensions
174 x 108 x 41 mm
Mounting
Wall mount
Weight
TBD
Operating System
Linux
Debian
Android
Android
Certifications
CCC/CE/FCC/BSMI Class B
All product specifications are subject to change without notice.
Last updated: 22-Apr-2022


Similar Part No. - EPC-R3710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3700-DR01 ADVANTECH-EPC-R3700-DR01 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3720IQ-ALA10B ADVANTECH-EPC-R3720IQ-ALA10B Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3720IQ-ALA12B ADVANTECH-EPC-R3720IQ-ALA12B Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3720IQ-ALA14B ADVANTECH-EPC-R3720IQ-ALA14B Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
More results

Similar Description - EPC-R3710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R4680 ADVANTECH-EPC-R4680 Datasheet
565Kb / 2P
Rockchip RK3288 Cortex-A17 ARM Based Box Computer
19-Dec-2018
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R4710 ADVANTECH-EPC-R4710 Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
EPC-R7000 ADVANTECH-EPC-R7000 Datasheet
2Mb / 4P
NVIDIA Jetson TX2 ARM-Based Edge AI Inference Box Computer
7-Jul-2021
ROM-5780 ADVANTECH-ROM-5780 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
ROM-8720 ADVANTECH-ROM-8720 Datasheet
974Kb / 2P
NXP Arm® Cortex®-A72 LS1046A COM Express Type 7 Compact
4-Aug-2022
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3810 ADVANTECH-RSB-3810 Datasheet
3Mb / 6P
MediaTek Genio 1200 Cortex A78 & A55 2.5 SBC with UIO40-Express
19-May-2022
RSB-4710 ADVANTECH-RSB-4710 Datasheet
691Kb / 2P
Rockchip ARM Cortex-A72 RK3399 3.5 SBC
16-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com