Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3710NO-XAA10B Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3710NO-XAA10B
Description  Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3710NO-XAA10B Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3710NO-XAA10B Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3710NO-XAA10B Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
LAN
USB
DI/DO
Serial Port
Micro
SD
Nano
SIM
CAN
Operating
Temperature
EPC-R3710NO-XAA100
Rockchip RK3399
2 GB
16 GB
1
2
2
4/4
1 RS-232, 1 RS-485
1
1
-
0 ~ 50 °C
EPC-R3710NO-XAA120
Rockchip RK3399
2 GB
16 GB
1
3
4
-
2 RS-232
1
1
-
0 ~ 50 °C
EPC-R3710NO-XAA140
Rockchip RK3399
2 GB
16 GB
1
2
2
-
2 RS-232
1
1
-
0 ~ 50 °C
EPC-R3710NO-XAA160
Rockchip RK3399
2 GB
16 GB
1
6
2
-
-
1
1
-
0 ~ 50 °C
EPC-R3710IO-XAA100
RK3399K
2 GB
16 GB
1
2
2
4/4
1 RS-232, 1 RS-485
1
1
-
-20 ~ 70 °C
EPC-R3710IO-XAA120
RK3399K
2 GB
16 GB
1
3
4
-
2 RS-232
1
1
-
-20 ~ 70 °C
EPC-R3710IO-XAA140
RK3399K
2 GB
16 GB
1
2
2
-
2 RS-232
1
1
-
-20 ~ 70 °C
EPC-R3710IO-XAA160
RK3399K
2 GB
16 GB
1
6
2
-
-
1
1
-
-20 ~ 70 °C
EPC-R3710NO-XAA10B*
RK3399
2 GB
16 GB
1
2
2
4/4
1 RS-232, 1 RS-485
1
1
-
0 ~ 50 °C
EPC-R3710IO-XAA10B*
RK3399K
2 GB
16 GB
1
2
2
4/4
1 RS-232, 1 RS-485
1
1
-
-20 ~ 70 °C
*this sku has BSMI certification
EPC-R3710
Packing List
Part Number
Description
1960099634N001
EPC-R3710 mount bkt
EPC-R3710
EPC-R3710 box computer
Optional Accessories
Part Number
Description
96PSA-A36W12W7-5
ADP A/D 100-240V 36W 12V C6 LOCK DC JACK 62368
96PSA-A60W12W7-4
ADP A/D 100-240V 60W 12V LOCK DC PLUG WIDE TEMP
1700001524
Power cord 3P UL 10A 125 V 180 cm
170203180A
Power Code 3P UK 2.5A/3A 250V 1.83cm
170203183C
Power Code 3P Europe 183cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
968AD00479*
EC20CEFAG-MINIPCIE R2.1 LTE Cat 4
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750006264
Antenna cable SMA(F)/MHF 15cm
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
EWM-W188M201E
WiFi 802.11ac/abgn 2T2R and BT4.2
EXM-CMPF1-M2E01
E M.2(NGFF) to MiniPCIe KEY-E Adapter
1750008800-01
Antenna Cable R/P SMA (M) to MHF4, 100mm
1750008671-01
Dipole Ant.SMA/M-R 2.4/5G 2.5/4dBi BLK 109mm
1960015198T011
DIN RAIL KIT
SQF-ISDS1-8G-82E SQF
SDHC C10 SLC 8G, 1CH (-40~85°C)
*Please contact us for suggesting suitable cellular module for your region
Front I/O
Dimensions
Unit: mm
Lockable DC-Jack
2 GbE LANs
Grounding Screw
2 USBs
HDMI
3.50
152
163.20
38
41.50
173.80
R3.50
Ø3.50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com