Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
LAN
USB
DI/DO
Serial Port
Micro SD
Nano
SIM
CAN
I/O Exp.
Operating
Temperature
EPC-R3720IQ-ALA200
EPC-R3720IQ-ALA10B (BSMI*)
Quad 1.6 GHz
6 GB
16 GB,
Yocto 3.0
1
2
2
4/4
1 RS-232,
1 RS-485
1
1
1
UIO-4030
-40 ~ 70 °C**
EPC-R3720IQ-ALA220
EPC-R3720IQ-ALA12B (BSMI*)
Quad 1.6 GHz
6 GB
16 GB,
Yocto 3.0
1
3
4
-
2 RS-232
1
1
1
UIO-4032
-40 ~ 70 °C**
EPC-R3720IQ-ALA240
EPC-R3720IQ-ALA14B (BSMI*)
Quad 1.6 GHz
6 GB
16 GB,
Yocto 3.0
1
2
2
-
2 RS-232
1
1
2 (CAN-FD on
front I/O, CANbus
on rear I/O)
UIO-4034
-40 ~ 70 °C**
EPC-R3720IQ-ALA260
EPC-R3720IQ-ALA16B (BSMI*)
Quad 1.6 GHz
6 GB
16 GB,
Yocto 3.0
1
6 (2 as independent,
and 4 by hub)
2
-
-
1
1
1
UIO-4036
-40 ~ 70 °C**
*BSMI SKU is for sale in Taiwan only
**BSMI SKU supports only -40~60°C
EPC-R3720
Packing List
Part Number
Description
EPC-R3700-DR01
Wall Mount BKT
Optional Accessories
Part Number
Description
96PSA-A36W12W7-5 ADP A/D 100-240V 36W 12V C6 LOCK DC JACK 62368
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
1700019146
Power Cord CCC 3P 2.5A 250V 183cm
1700033212-01
Y Cable for CAN & RS-232 Debug
AIW-154BN
802.11ac+BT5.0 NXP 88W8997 M.2 2230 PCIe+UART
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
AIW-344FQ-*01
AIW-3 series LTE CAT4 mini PCI-e module
1750008303-01
Antenna 4G/LTE Antenna L=13 cm
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
*Please contact us for suggesting suitable cellular module for your region
Front I/O
Dimensions
Unit: mm
Lockable DC-Jack
2 GbE LANs
COM/CAN
2 USBs
HDMI
Grounding Screw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com