Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40GP60JDQ2 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT40GP60JDQ2
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60JDQ2 Datasheet(HTML) 3 Page - Advanced Power Technology

  APT40GP60JDQ2 Datasheet HTML 1Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 2Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 3Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 4Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 5Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 6Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 7Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 8Page - Advanced Power Technology APT40GP60JDQ2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APT40GP60JDQ2
TYPICAL PERFORMANCE CURVES
250µs PULSE
TEST<0.5 % DUTY
CYCLE
T
J = 125°C
T
J = 25°C
T
J = -55°C
V
GE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
T
J = 125°C
T
J = 25°C
T
J = -55°C
T
J = 125°C
T
J = 25°C
T
J = -55°C
IC = 40A
TJ = 25°C
V
CE = 480V
V
CE = 300V
V
CE = 120V
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics(TJ = 25°C)
FIGURE 2, Output Characteristics (TJ = 125°C)
V
GE, GATE-TO-EMITTER VOLTAGE (V)
GATE CHARGE (nC)
FIGURE 3, Transfer Characteristics
FIGURE 4, Gate Charge
VGE, GATE-TO-EMITTER VOLTAGE (V)
TJ, Junction Temperature (°C)
FIGURE 5, On State Voltage vs Gate-to- Emitter Voltage
FIGURE 6, On State Voltage vs Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
FIGURE 7, Breakdown Voltage vs. Junction Temperature
FIGURE 8, DC Collector Current vs Case Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
7
8
9 10
0
20
40
60
80
100 120
140
6
8
10
12
14
16
-55
-25
0
25
50
75
100
125
-50 -25
0
25
50
75 100 125 150
-50 -25
0
25
50
75 100 125 150
T
J = 25°C.
250µs PULSE TEST
<0.5 % DUTY CYCLE
I
C = 80A
I
C = 40A
I
C = 20A
I
C = 80A
I
C = 40A
I
C = 20A
80
70
60
50
40
30
20
10
0
16
14
12
10
8
6
4
2
0
3.5
3
2.5
2
1.5
1
0.5
0
120
100
80
60
40
20
0
80
70
60
50
40
30
20
10
0
250
200
150
100
50
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com