Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40GP90B Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT40GP90B
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP90B Datasheet(HTML) 4 Page - Advanced Power Technology

  APT40GP90B Datasheet HTML 1Page - Advanced Power Technology APT40GP90B Datasheet HTML 2Page - Advanced Power Technology APT40GP90B Datasheet HTML 3Page - Advanced Power Technology APT40GP90B Datasheet HTML 4Page - Advanced Power Technology APT40GP90B Datasheet HTML 5Page - Advanced Power Technology APT40GP90B Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT40GP90B
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
T
J = 125°C,VGE =15V
T
J = 25°C,VGE =15V
VCE = 600V
RG = 5Ω
L = 100 µH
VCE = 600V
VGE = +15V
TJ = 125°C
R
G = 5Ω, L = 100
µ
H, VCE = 600V
R
G = 5Ω, L = 100
µ
H, VCE = 600V
VCE=600V
TJ = 25°C, TJ =125°C
RG = 5Ω
L = 100 µH
VGE = 15V
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
T
J = 25 or 125°C,VGE = 15V
VCE = 600V
VGE = +15V
RG = 5Ω
VCE = 600V
VGE = +15V
RG = 5Ω
VCE = 600V
VGE = +15V
RG = 5Ω
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
0
25
50
75
100
125
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G, GATE RESISTANCE (OHMS)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
120
100
80
60
40
20
0
140
120
100
80
60
40
20
0
3500
3000
2500
2000
1500
1000
500
0
6000
5000
4000
3000
2000
1000
0
Eon2, 80A
Eoff, 80A
Eon2, 40A
Eoff, 40A
Eon2, 20A
Eoff, 20A
25
20
15
10
5
0
70
60
50
40
30
20
10
0
6000
5000
4000
3000
2000
1000
0
8000
7000
6000
5000
4000
3000
2000
1000
0
Eon2,80A
Eoff, 40A
Eon2,40A
Eoff,80A
Eon2,20A
Eoff,20A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com