Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40GP90JDQ2 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT40GP90JDQ2
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP90JDQ2 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT40GP90JDQ2 Datasheet HTML 1Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 2Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 3Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 4Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 5Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 6Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 7Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 8Page - Advanced Power Technology APT40GP90JDQ2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APT40GP90JDQ2
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 600V
R
G = 4.3Ω
L = 100µH
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
RG, GATE RESISTANCE (OHMS)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
VCE = 600V
VGE = +15V
RG = 4.3Ω
R
G = 4.3Ω, L = 100µH, VCE = 600V
V
CE = 600V
T
J = 25°C or 125°C
R
G = 4.3Ω
L = 100µH
20
15
10
5
0
70
60
50
40
30
20
10
0
6000
5000
4000
3000
2000
1000
0
8000
7000
6000
5000
4000
3000
2000
1000
0
140
120
100
80
60
40
20
0
120
100
80
60
40
20
0
3500
3000
2500
2000
1500
1000
500
0
6000
5000
4000
3000
2000
1000
0
V
GE = 15V
T
J = 125°C, VGE = 15V
T
J = 25 or 125°C,VGE = 15V
T
J = 25°C, VGE = 15V
VCE = 600V
VGE = +15V
RG = 4.3Ω
T
J = 125°C
T
J = 25°C
VCE = 600V
VGE = +15V
RG = 4.3Ω
VCE = 600V
VGE = +15V
TJ = 125°C
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
100
0
10
20
30
40
50
0
25
50
75
100
125
R
G = 4.3Ω, L = 100µH, VCE = 600V
T
J = 125°C
T
J = 25°C
E
off,80A
E
on2,80A
E
off,40A
E
on2,40A
E
off,20A
E
on2,20A
E
off,80A
E
on2,80A
E
off,40A
E
on2,40A
E
off,20A
E
on2,20A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com