Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8098367 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8098367
Description  Service unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8098367 Datasheet(HTML) 1 Page - Festo Corporation.

  8098367 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Service unit
MS6-EM1FR-1/2-D6-E-P-VC-AG-BAR-WPE-B
Part number: 8098367
Data sheet
Feature
Value
Size
6
Series
MS
Mounting position
Vertical +/- 5°
Pressure gauge
with pressure gauge
Operating pressure
0.1 MPa ... 1 MPa
Operating pressure
1 bar ... 10 bar
Standard flow rate exhaust 6-> 0 bar
3600 l/min
Standard nominal flow rate
5300 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Compatibility with ester oil not given
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-5 °C ... 50 °C
Temperature of medium
5 °C ... 50 °C
Ambient temperature
5 °C ... 50 °C
Product weight
1250 g
Type of mounting
Line installation
With mounting bracket
With accessories
Optionally:
Note on materials
RoHS-compliant
11/29/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8098367

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8098364 FESTO-8098364 Datasheet
74Kb / 1P
Service unit
11/29/22
8098368 FESTO-8098368 Datasheet
74Kb / 1P
Service unit
11/29/22
8098369 FESTO-8098369 Datasheet
74Kb / 1P
Service unit
11/29/22
More results

Similar Description - 8098367

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8098364 FESTO-8098364 Datasheet
74Kb / 1P
Service unit
11/29/22
8098369 FESTO-8098369 Datasheet
74Kb / 1P
Service unit
11/29/22
8098371 FESTO-8098371 Datasheet
74Kb / 1P
Service unit
11/29/22
8098372 FESTO-8098372 Datasheet
75Kb / 1P
Service unit
11/29/22
8098374 FESTO-8098374 Datasheet
75Kb / 1P
Service unit
11/29/22
8098376 FESTO-8098376 Datasheet
75Kb / 1P
Service unit
11/29/22
8130912 FESTO-8130912 Datasheet
74Kb / 1P
Service unit
11/29/22
8130914 FESTO-8130914 Datasheet
74Kb / 1P
Service unit
11/29/22
8130947 FESTO-8130947 Datasheet
74Kb / 1P
Service unit
11/29/22
8130949 FESTO-8130949 Datasheet
74Kb / 1P
Service unit
11/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com