Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40N60LCF Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT40N60LCF
Description  Super Junction FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40N60LCF Datasheet(HTML) 2 Page - Advanced Power Technology

  APT40N60LCF Datasheet HTML 1Page - Advanced Power Technology APT40N60LCF Datasheet HTML 2Page - Advanced Power Technology APT40N60LCF Datasheet HTML 3Page - Advanced Power Technology APT40N60LCF Datasheet HTML 4Page - Advanced Power Technology APT40N60LCF Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DYNAMIC CHARACTERISTICS
APT40N60B2CF(G)_LCF(G)
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
0.9
0.05
FINAL DATA SHEET WITH MOS 7 FORMAT
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS = 0V, IS = -40A)
Peak Diode Recovery dv/
dt
5
Reverse Recovery Time
(I
S = -40A,
di/
dt = 100A/µs)
Reverse Recovery Charge
(I
S = -40A,
di/
dt = 100A/µs)
Peak Recovery Current
(I
S = -40A,
di/
dt = 100A/µs)
Symbol
I
S
I
SM
V
SD
dv/
dt
t
rr
Q
rr
I
RRM
UNIT
Amps
Volts
V/ns
ns
µC
Amps
MIN
TYP
MAX
40
80
2.4
40
195
290
1.8
3.5
17
22
Symbol
RθJC
RθJA
MIN
TYP
MAX
0.30
31
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
1 Repetitive Rating: Pulse width limited by maximum junction
temperature
2 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein.
T
j = 25°C
T
j = 125°C
T
j = 25°C
T
j = 125°C
T
j = 25°C
T
j = 125°C
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
on
E
off
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy 6
Turn-off Switching Energy
Turn-on Switching Energy 6
Turn-off Switching Energy
Test Conditions
V
GS = 0V
V
DS = 25V
f = 1 MHz
V
GS = 10V
V
DD = 300V
I
D = 40A @ 25°C
RESISTIVE SWITCHING
V
GS = 15V
V
DD = 380V
I
D = 40A @ 25°C
R
G = 1.8Ω
INDUCTIVE SWITCHING @ 25°C
V
DD = 400V, VGS = 15V
I
D = 40A, RG = 5Ω
INDUCTIVE SWITCHING @ 125°C
V
DD = 400V, VGS = 15V
I
D = 40A, RG = 5Ω
4 Starting T
j = +25°C, L = 13.80mH, RG = 25Ω, Peak IL = 10A
5 dv
/
dt numbers reflect the limitations of the test circuit rather than the
device itself. I
S ≤ -ID40A
di/
dt ≤ 700A/µs VR ≤ 480V TJ ≤125°C
6 Eon includes diode reverse recovery. See figures 18, 20.
7 Repetitive avalanche causes additional power losses that can be calcu-
lated as
PAV = EAR*f
MIN
TYP
MAX
5040
1365
80
185
36
115
12
15
60
6.4
725
365
1195
440
UNIT
pF
nC
ns
µJ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com