Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16-002151 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 16-002151
Description  D-SUB FEMALE 15pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

16-002151 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  16-002151 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
( 5 : 1 )
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
16-00215o
CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
16K1A3540
A3
1
D-SUB FEMALE
SEE NOTES
Henneboel
01.10.14
01.10.14
Strakerjahn
15pos. SOLDER PIN STRAIGHT
with snap-lock and spacer clip
2:1 (5:1)
16-00215
a
Original
0,64 `0,05
n
(15x)
1 - 0
0,1
+
n
(15x)
1,37 `0,1
4,11 `0,1
1
2,74 `0,1
5,49 `0,1
P.C.B. HOLE DRILLINGS
( P.C.B. TOP SIDE )
6,86 `0,1
9,6 `0,1
8,23 `0,1
3,1 `0,1
n
(2x)
33,32 - 0,12
0,13
+
39,22 - 0,46
0,3
+
24,74 - 0,2
0,05
+
10°
8 - 0,23
0,02
+
SEE NOTE 6
o (see note 3)
Directive 2002/95/EC RoHS compliant
2,75
Ø
33,32 - 0,12
0,13
+
NOTES:
1. METALSHELLS: STEEL; min. 315µin TIN over 40-80µin NICKEL
2. INSULATORS: PBT GF UL 94 V-0; BLACK
3. CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
o PLEASE ADD 1 for 30µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD 3 for GOLD FLASH over NICKEL
4. SNAP-LOCK AND SPACER CLIPS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
PCB-HOLE: n3,1`0,1mm; PCB-THICKNESS: 1,6mm
5. COLLARS: COPPER ALLOY; min. 200µin over 80µin NICKEL
6. CONNECTOR IS PART MARKED: 16-00215o CONEC ABC


Similar Part No. - 16-002151

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
16-002101 CONEC-16-002101 Datasheet
185Kb / 1P
D-SUB MALE 15pos. SOLDER PIN STRAIGHt with snap-lock and spacer clip
29.09.14
16-002103 CONEC-16-002103 Datasheet
185Kb / 1P
D-SUB MALE 15pos. SOLDER PIN STRAIGHt with snap-lock and spacer clip
29.09.14
16-002111 CONEC-16-002111 Datasheet
335Kb / 1P
D-SUB MALE 25pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
29.09.14
16-002113 CONEC-16-002113 Datasheet
335Kb / 1P
D-SUB MALE 25pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
29.09.14
16-002121 CONEC-16-002121 Datasheet
418Kb / 2P
D-SUB MALE 37pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
29.09.14
More results

Similar Description - 16-002151

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
16-002091 CONEC-16-002091 Datasheet
155Kb / 1P
D-SUB MALE 9pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
26.09.14
16-002101 CONEC-16-002101 Datasheet
185Kb / 1P
D-SUB MALE 15pos. SOLDER PIN STRAIGHt with snap-lock and spacer clip
29.09.14
16-002121 CONEC-16-002121 Datasheet
418Kb / 2P
D-SUB MALE 37pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
29.09.14
16-002141 CONEC-16-002141 Datasheet
156Kb / 1P
D-SUB FEMALE 9pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
01.10.14
16-002161 CONEC-16-002161 Datasheet
373Kb / 2P
D-SUB FEMALE 25pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
01.10.14
16-002171 CONEC-16-002171 Datasheet
460Kb / 2P
D-SUB FEMALE 37pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
01.10.14
16-002181 CONEC-16-002181 Datasheet
521Kb / 2P
D-SUB FEMALE 50pos. SOLDER PIN STRAIGHT with snap-lock and spacer clip
01.10.14
163A17049X CONEC-163A17049X Datasheet
174Kb / 1P
D-SUB HD MALE 15pos. SOLDER PIN STRAIGHT with threaded lock and spacer clip
29.03.06
164A17509X CONEC-164A17509X Datasheet
185Kb / 1P
D-SUB HD FEMALE 15pos. SOLDER PIN STRAIGHT with threaded lock and spacer clip
11.09.12
15-000463 CONEC-15-000463 Datasheet
249Kb / 2P
D-SUB FEMALE 15pos. SOLDER PIN STRAIGHT with rear spacer clip and hexlocking screw
15.09.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com