Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5600 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 67Page - NXP Semiconductors FS5600 Datasheet HTML 68Page - NXP Semiconductors FS5600 Datasheet HTML 69Page - NXP Semiconductors FS5600 Datasheet HTML 70Page - NXP Semiconductors FS5600 Datasheet HTML 71Page - NXP Semiconductors FS5600 Datasheet HTML 72Page - NXP Semiconductors FS5600 Datasheet HTML 73Page - NXP Semiconductors FS5600 Datasheet HTML 74Page - NXP Semiconductors FS5600 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
18.1.7 CLOCK_CTRL register
Bit
Symbol
Description
5
FSS_FMOD
Frequency (triangular period) of internal 20 MHz oscillator frequency
spread spectrum.
1b'0 — 23.5 kHz
1b'1 — 94 kHz
Reset Condition — POR
4
FSS_EN
Internal 20 MHz oscillator frequency spread spectrum control.
1b'0 — Frequency spread spectrum disabled.
1b'1 — Frequency spread spectrum enabled.
Reset Condition — POR
3 to 0
CLK_FREQ[3:0]
Internal 20 MHz oscillator frequency selection (Unit MHz).
Applied to the oscillator only when CLK_FREQ[3:0] = NOT(NOT_
CLK_FREQ[3:0])
4b'0000 — 20
4b'0001 — 21
4b'0010 — 22
4b'0011 — 23
4b'0100 — 24
4b'0101 — NA
4b'0110 — NA
4b'0111 — NA
4b'1000 — NA
4b'1001 — 16
4b'1010 — 17
4b'1011 — 18
4b'1100 — 19
4b'1101 — NA
4b'1110 — NA
4b'1111 — NA
Reset Condition — POR
Table 62. CLOCK_CTRL register description
18.1.8 NOT_CLOCK_CTRL register
Bit
Symbol
Description
3 to 0
NOT_CLK_FREQ[3:0]
Internal 20 MHz oscillator frequency programming (Unit MHz).
4b'0000 - 4b’1111 — See CLK_FREQ[3:0] in CLK_CTRL register.
Reset Condition — POR
Table 63. NOT_CLOCK_CTRL register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
71 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com