Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-343VC Datasheet(PDF) 1 Page - Rohm

Part # SLR-343VC
Description  Circular LED lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343VC Datasheet(HTML) 1 Page - Rohm

  SLR-343VC Datasheet HTML 1Page - Rohm SLR-343VC Datasheet HTML 2Page - Rohm SLR-343VC Datasheet HTML 3Page - Rohm SLR-343VC Datasheet HTML 4Page - Rohm SLR-343VC Datasheet HTML 5Page - Rohm SLR-343VC Datasheet HTML 6Page - Rohm SLR-343VC Datasheet HTML 7Page - Rohm SLR-343VC Datasheet HTML 8Page - Rohm SLR-343VC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SLR-343x/SLR343x Series
Data Sheet
■Features
■Outline
• Viewing angle 2θ 1/2 : 40°
• Competent to direct mount
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF
Max.
VR
IF
Min.
Typ.
IF
(V)
(mA)
(μA)
(V)
(mA) (mcd) (mcd) (mA)
5.6
16
9.0
25
5.6
16
9.0
25
3.6
10
9.0
25
Emitting
Color
*1 : Duty1/5, 200kHz
Yellow Green
Green
GaP
Forward Voltage VF Reverse Current IR
Peak Wavelength λ
P
Dissipation
Topr(ºC)
Tstg(ºC)
Red
60
60*1
3
-25~+85 -30~+100
PD(mW) IF(mA)
Typ.
(nm)
650
610
585
563
555
75
10
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Power Forward
Luminous Intensity IV
3
10
5.6
16
6.3
25
2.2
Reverse
Operating Temp.
Storage Temp.
20
Peak Forward
Part No.
Chip Structure
GaAsP
IFP(mA) VR(V)
Current Current Voltage
SLR-343VR
SLR-343PC
10
Orange
Yellow
2.1
SLR-343VC
SLR-343DU
SLR-343DC
SLR-343YY
SLR-343YC
SLR-343MG
SLR-343MC
SLR-343PG
2.0
10
Tolerance : ±0.2
(unit : mm)
(unit : mm)
V
D
Y
Color
Type
M
P
E
B
WB
2.5 or 5.0
2.0
1.0 ±0.1
________________________________________________________
www.rohm.co.jp
©2021 ROHM Co., Ltd. All rights reserved
1/10
2021.12 - Rev.010


Similar Part No. - SLR-343VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343VC ROHM-SLR-343VC Datasheet
247Kb / 3P
STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343VC ROHM-SLR-343VC Datasheet
54Kb / 6P
Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343VC ROHM-SLR-343VC Datasheet
164Kb / 5P
Competent to direct mount
SLR-343VC ROHM-SLR-343VC Datasheet
176Kb / 5P
SLR-343 Series
SLR-343VC ROHM-SLR-343VC Datasheet
164Kb / 5P
Electrical Characteristics Curves
More results

Similar Description - SLR-343VC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT206-R MARKTECH-MT206-R Datasheet
28Kb / 1P
2mm CIRCULAR LED LAMPS
logo
Dialight Corporation
AR111-LV-CW-SP DIALIGHT-AR111-LV-CW-SP Datasheet
176Kb / 2P
CIRCULAR LED MODULES
MR16-LV-CW-SP DIALIGHT-MR16-LV-CW-SP Datasheet
97Kb / 2P
CIRCULAR LED MODULES
PWARD-C1-CW-SP DIALIGHT-PWARD-C1-CW-SP Datasheet
140Kb / 2P
POWERWHITE CIRCULAR LED MODULES
PWMRD-C1-CW-SP DIALIGHT-PWMRD-C1-CW-SP Datasheet
125Kb / 2P
POWERWHITE CIRCULAR LED MODULES
logo
LUMEX INC.
SSP-24MB156U12G LUMEX-SSP-24MB156U12G Datasheet
49Kb / 1P
1.28 CIRCULAR, 24 LAMP POLYLED
SSP-D29B9SYC-12V LUMEX-SSP-D29B9SYC-12V Datasheet
44Kb / 1P
10mm CIRCULAR BA9 BASE LAMP, 590mm AllnGaP YELLOW LED
SSP-D29B9SYC-12V LUMEX-SSP-D29B9SYC-12V_17 Datasheet
44Kb / 1P
10mm Circular Ba9 Base Lamp
SSP-D29B9SUGC-12V LUMEX-SSP-D29B9SUGC-12V Datasheet
44Kb / 1P
10mm CIRCULAR BA9 BASE LAMP
SSP-D29E10SUGC-12V LUMEX-SSP-D29E10SUGC-12V Datasheet
42Kb / 1P
10mm CIRCULAR E10 BASE LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com