Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSW Datasheet(PDF) 3 Page - Littelfuse

Part # ECSW
Description  Current Monitoring Relays and Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ECSW Datasheet(HTML) 3 Page - Littelfuse

  ECSW Datasheet HTML 1Page - Littelfuse ECSW Datasheet HTML 2Page - Littelfuse ECSW Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/ecsw
ECSW SERIES
Specifications
Sensor
Type
Toroid, through hole wiring for up to #4 AWG
(21.1 mm2) THHN wire
Mode
Over & undercurrent trip points
(window current sensing)
Trip Point Range
0.5 - 50A in 3 adjustable ranges
Tolerance
Guaranteed range
Maximum Allowable Current Steady - 50A turns; Inrush - 300A turns for 10s
Time Point vs Temp.
& Voltage
±5%
Response Time
≤ 75ms
Frequency
45/500 Hz
Type of Detection
Peak detection
Zero Current Detection
< 250mA turns typical
Time Delay
Range
0.15 - 50s in 2 adjustable ranges
or 0.1 - 50s fixed
Tolerance
Adjustable: guaranteed range; Fixed: ±10%
Sensing Delay On Start Up
Fixed ≅ 0.1 - 6s in 1s increments
Tolerance
+40% -0%
Delay vs. Temp. & Voltage
±15%
Input
Voltage
24, 120, or 230VAC; 12 or 24VDC
Tolerance
12VDC & 24VDC/AC
-15% - 20%
120 & 230VAC
-20% - 10%
AC Line Frequency
50/60 Hz
Output
Type
Electromechanical relay
Mode: Switch Selectable
ON
Energized during normal operation,
de-energized after a fault
OFF
De-energized during normal operation,
energizes during a fault
Form
Isolated, SPDT
Rating
10A resistive @ 240VAC; 1/4 hp @ 125VAC;
1/2 hp @ 250VAC
Life
Mechanical - 1 x 106; Electrical - 1 x 105
Latch
Type
Electrical
Reset
Remove input voltage
Function
Switch selectable latching function
Protection
Surge
IEEE C62.41-1991 Level A
Circuitry
Encapsulated
Isolation Voltage
≥ 2500V RMS input to output
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting
Surface mount with two #6 (M3.5 x 0.6)
screws
Dimensions
H 88.9 mm (3.5”); W 63.5 mm (2.5”);
D 44.5 mm (1.75”)
Termination
0.197 in. (5 mm) terminal blocks for up to #12
(3.2 mm2) AWG wire
Environmental
Operating/Storage
Temperature
-40° to 60° C/-40° to 85° C
Humidity
95% relative, non-condensing
Weight
≅ 6.4 oz (181 g)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com