Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT75GT120JR Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT75GT120JR
Description  Thunderbolt IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT75GT120JR Datasheet(HTML) 4 Page - Advanced Power Technology

  APT75GT120JR Datasheet HTML 1Page - Advanced Power Technology APT75GT120JR Datasheet HTML 2Page - Advanced Power Technology APT75GT120JR Datasheet HTML 3Page - Advanced Power Technology APT75GT120JR Datasheet HTML 4Page - Advanced Power Technology APT75GT120JR Datasheet HTML 5Page - Advanced Power Technology APT75GT120JR Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT75GT120JR
E
off,150A
E
on2,150A
E
on2,75A
E
off,75A
E
on2,37.5A
E
off,37.5A
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 1.0Ω
L = 100µH
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
RG, GATE RESISTANCE (OHMS)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
VCE = 400V
VGE = +15V
RG = 1.0Ω
R
G = 1.0Ω, L = 100µH, VCE = 400V
V
CE = 400V
T
J = 25°C, or 125°C
R
G = 1.0Ω
L = 100µH
60
50
40
30
20
10
0
160
140
120
100
80
60
40
20
0
50000
40000
30000
20000
10000
0
100000
80000
60000
40000
20000
0
V
GE = 15V
T
J = 125°C, VGE = 15V
T
J = 25 or 125°C,VGE = 15V
T
J = 25°C, VGE = 15V
T
J = 125°C
T
J = 25°C
VCE = 400V
VGE = +15V
RG = 1.0Ω
T
J = 125°C
T
J = 25°C
10
40
70
100
130
160
10
40
70
100
130
160
10
40
70
100
130
160
10
40
70
100
130
160
10
40
70
100
130
160
10
40
70
100
130
160
0
10
20
30
40
50
0
25
50
75
100
125
R
G = 1.0Ω, L = 100µH, VCE = 400V
500
400
300
200
100
0
70
60
50
40
30
20
10
0
10000
8000
6000
4000
2000
0
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
VCE = 400V
VGE = +15V
RG = 1.0Ω
VCE = 400V
VGE = +15V
TJ = 125°C
E
off,150A
E
on2,150A
E
off,75A
E
on2,75A
E
off,37.5A
E
on2,37.5A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com