Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT80GP60J Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT80GP60J
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT80GP60J Datasheet(HTML) 5 Page - Advanced Power Technology

  APT80GP60J Datasheet HTML 1Page - Advanced Power Technology APT80GP60J Datasheet HTML 2Page - Advanced Power Technology APT80GP60J Datasheet HTML 3Page - Advanced Power Technology APT80GP60J Datasheet HTML 4Page - Advanced Power Technology APT80GP60J Datasheet HTML 5Page - Advanced Power Technology APT80GP60J Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL PERFORMANCE CURVES
APT80GP60J
300
2m50
200
150
100
50
0
0
10
20
30
40
50
0
100
200
300
400
500
600
700
20,000
10,000
5,000
1,000
500
100
50
10
Cies
Coes
Cres
FIGURE 19B, TRANSIENT THERMAL IMPEDANCE MODEL
0.30
0.25
0.20
0.15
0.10
0.05
0
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.3
0.9
0.7
0.1
0.05
0.5
SINGLE PULSE
RECTANGULARPULSEDURATION(SECONDS)
Figure 19A, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-5
10-4
10-3
10-2
10-1
1.0
0.0260
0.0584
0.185
0.00119F
0.0354F
0.463F
Power
(watts)
Junction
temp (
°C)
RC MODEL
Case temperature(
°C)
190
100
50
10
1
10 20 30 40 50 60 70 80
90 100 110 130
IC, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
TJ = 125°C
TC = 75°C
D = 50 %
VCE = 400V
RG = 5 Ω
max
max1
max 2
max1
d (on )
r
d(off )
f
diss
cond
max 2
on 2
off
JC
diss
JC
Fmin(f
, f
)
0.05
f
tt
t
t
PP
f
EE
TT
P
R θ
=
=
++
+
−
=
+
−
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com