Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5510B2FLL Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT5510B2FLL
Description  POWER MOS 7 FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5510B2FLL Datasheet(HTML) 4 Page - Advanced Power Technology

  APT5510B2FLL Datasheet HTML 1Page - Advanced Power Technology APT5510B2FLL Datasheet HTML 2Page - Advanced Power Technology APT5510B2FLL Datasheet HTML 3Page - Advanced Power Technology APT5510B2FLL Datasheet HTML 4Page - Advanced Power Technology APT5510B2FLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT5510B2FLL - LFLL
1
10
100
550
0
10
20
30
40
50
0
40
80
120
160
200
0.3
0.5
0.7
0.9
1.1
1.3
1.5
197
100
10
1
16
12
8
4
0
I
D
(A)
I
D
(A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G
, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
0
20
40
60
80
0
20
40
60
80
0
10
20
30
40
50
60
70
80
0
5
10
152025
30
35 404550
100
80
60
40
20
0
2000
1500
1000
500
0
Crss
Ciss
Coss
TC=+25°C
TJ =+150°C
SINGLE PULSE
10mS
1mS
100µS
TJ =+150°C
TJ =+25°C
VDS=275V
VDS=110V
VDS=440V
I
D
= 49A
V
DD
= 367V
R
G
= 5
Ω
T
J
= 125°C
L = 100µH
tr
tf
td(on)
td(off)
V
DD
= 367V
R
G
= 5
Ω
T
J
= 125°C
L = 100µH
Eon
Eoff
V
DD
= 367V
I
D
= 49A
T
J
= 125°C
L = 100µH
E
ON
includes
diode reverse recovery.
Eon
Eoff
V
DD
= 367V
R
G
= 5
Ω
T
J
= 125°C
L = 100µH
E
ON
includes
diode reverse recovery.
OPERATIONHERE
LIMITEDBYRDS(ON)
20,000
10,000
1,000
100
10
200
100
10
1
100
80
60
40
20
0
3000
2500
2000
1500
1000
500
0
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com