Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50007TSF Datasheet(PDF) 1 Page - Belden Inc.

Part # 50007TSF
Description  MarineTuff Cat7 S/FTP, 4 Pr #23 Str BC, FMPE Ins, LSZH Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

50007TSF Datasheet(HTML) 1 Page - Belden Inc.

  50007TSF Datasheet HTML 1Page - Belden Inc. 50007TSF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 50007TSF
MarineTuff Cat7 S/FTP, 4 Pr #23 Str BC, FMPE Ins, LSZH Jkt
Product Description
Industrial Marine Ethernet Cat7 S/FTP, 4 Pr 23AWG Stranded Bare Copper, FoamPolyethylene Insulation, Low Smoke Zero Halogen (SHF1) Jacket, DNV
Technical Specifications
Product Overview
Suitable Applications:
marine, harsh environment, IIoT, factory or process automation, IP cameras and devices, data communication, etc.
Construction Details
Conductor
Size Stranding
Material
Number of Pairs
23
Stranded
BC - Bare Copper 4
Insulation
Material
Color Code
PO - Polyolefin (Foam) White / Blue, White / Orange, White / Green, White / Brown
Inner Shield
Shield Type
Material
Tape
Bi-Laminate (Alum+Poly)
Outer Shield
Shield Type
Material
Braid
Tinned Copper (TC)
Outer Jacket
Material
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 9.0 mm (0.35 in)
Electrical Characteristics
Electricals
Max. Conductor DCR
Max. Capacitance Unbalance Nom. Characteristic Impedance
95 Ohm/km (29 Ohm/1000ft) 160 pF/100m
100 Ohm
Delay
Max. Delay
Max. Delay Skew
538 ns/100m @100MHz 25 ns/100m
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min. NEXT
[dB]
Min. PSNEXT
[dB]
Min. ACRF (ELFEXT)
[dB]
Min. PSACRF (PSELFEXT)
[dB]
Min. RL (Return Loss)
[dB]
Min. TCL
[dB]
Min. ELTCTL
[dB]
1
40
35
4
3.7 dB/100m
78
75
78
75
23
34
23
8
5.2 dB/100m
78
75
77.2
74.2
24.5
31
16.9
10
5.9 dB/100m
78
75
75.3
723
25
30
15


Similar Part No. - 50007TSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50007 ETC2-50007 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
logo
Molex Electronics Ltd.
500075-0517 MOLEX-500075-0517 Datasheet
96Kb / 1P
MINI-B STRAIGHT TYPE 2 REC. ASSY -LEAD FREE-
2004.03.30
logo
MolexKits
500075-1517 MOLEXKITS-500075-1517 Datasheet
80Kb / 6P
Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
500075-1517 MOLEXKITS-500075-1517 Datasheet
80Kb / 6P
Deluxe Audio Video Data Application Kit
logo
Molex Electronics Ltd.
500075-1517 MOLEX-500075-1517 Datasheet
98Kb / 1P
USB SERIES MINI-B STRAIGHT TYPE 2 REC ASSY -LEAD FREE-
04.08.30
More results

Similar Description - 50007TSF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
74005E BELDEN-74005E Datasheet
164Kb / 2P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, PVC jkt, AWM 20121
2022 Belden, Inc
74005NH BELDEN-74005NH Datasheet
171Kb / 3P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, LSNH Jkt, AWM 20851
2022 Belden, Inc
7940T BELDEN-7940T Datasheet
189Kb / 3P
DataTuff® 6, 4 Bonded-Pr #23 Sol BC, PO Ins, LSZH Jkt, CMR CMG
2022 Belden, Inc
74011E BELDEN-74011E Datasheet
175Kb / 3P
DataTuff® 6A, 4PR #23 Str BC, PO ins, S/FTP, PVC jkt, PROFINET Type B, AWM 21292
2022 Belden, Inc
74011NH BELDEN-74011NH Datasheet
177Kb / 3P
DataTuff® 6A, 4PR #23 Str BC, PO ins, S/FTP, LSNH Jkt, PROFINET Type B,AWM 21292
2022 Belden, Inc
74011PU BELDEN-74011PU Datasheet
175Kb / 3P
DataTuff® 6A, 4PR #23 Str BC, PO ins, S/FTP, PUR HF jkt, PROFINET Type B, AWM 21292
2022 Belden, Inc
777940T BELDEN-777940T Datasheet
183Kb / 2P
MarineTuff® 6, 4 Pr #23 Sol BC, PO Ins, LSZH Jkt, Brnz Brd Armor, LSZH Jkts, CMG-LS, ABS
2022 Belden, Inc
BE43887 BELDEN-BE43887 Datasheet
185Kb / 3P
DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, ECE R118
2022 Belden, Inc
MA6ASFL BELDEN-MA6ASFL Datasheet
167Kb / 3P
MarineTuff Cat 6A, S/FTP, 4 Pr 23 BC,FMPE Ins, LSZH, Indoor, LR certified
2022 Belden, Inc
MA6AUFL BELDEN-MA6AUFL Datasheet
165Kb / 3P
MarineTuff Cat 6A, U/FTP, 4 Pr 23 BC, FMPE Ins, LSZH, Indoor, LR certified
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com