Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1181/60C Datasheet(PDF) 2 Page - Alpha Wire

Part # 1181/60C
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1181/60C Datasheet(HTML) 2 Page - Alpha Wire

  1181/60C Datasheet HTML 1Page - Alpha Wire 1181/60C Datasheet HTML 2Page - Alpha Wire 1181/60C Datasheet HTML 3Page - Alpha Wire 1181/60C Datasheet HTML 4Page - Alpha Wire 1181/60C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WHITE/BLACK/B
ROWN
WHITE/BLUE/BL
UE
10
SLATE
30
WHITE/BLACK/O
RANGE
50
WHITE/BLUE/BR
OWN
11
PINK
31
WHITE/BLACK/S
LATE
51
WHITE/BLUE/VIO
LET
12
TAN
32
WHITE/BLACK/VI
OLET
52
WHITE/BROWN/
BLACK
13
RED/GREEN
33
WHITE/BLACK/B
LACK
53
WHITE/BROWN/
RED
14
RED/YELLOW
34
WHITE/RED/BLA
CK
54
WHITE/BROWN/
GREEN
15
RED/BLACK
35
WHITE/RED/RED
55
WHITE/BROWN/
BLUE
16
WHITE/BLACK
36
WHITE/RED/GRE
EN
56
WHITE/BROWN/
BROWN
17
WHITE/RED
37
WHITE/RED/BLU
E
57
WHITE/BROWN/
VIOLET
18
WHITE/GREEN
38
WHITE/RED/BRO
WN
58
WHITE/VIOLET/R
ED
19
WHITE/YELLOW 39
WHITE/RED/VIOL
ET
59
WHITE/VIOLET/G
REEN
20
WHITE/BLUE
40
WHITE/GREEN/B
LACK
60
WHITE/VIOLET/B
LUE
2) Cable Assembly
60 Components Cabled
a) Twists:
1.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.035" Wall, Nom.,PVC
0.520 (0.547 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 1181/60C 60C 22 AWG
75C (UL) TYPE CM OR AWM 2576 OR C(UL) 75C TYPE CMG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com