Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC80AM75SC Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTC80AM75SC
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC80AM75SC Datasheet(HTML) 5 Page - Advanced Power Technology

  APTC80AM75SC Datasheet HTML 1Page - Advanced Power Technology APTC80AM75SC Datasheet HTML 2Page - Advanced Power Technology APTC80AM75SC Datasheet HTML 3Page - Advanced Power Technology APTC80AM75SC Datasheet HTML 4Page - Advanced Power Technology APTC80AM75SC Datasheet HTML 5Page - Advanced Power Technology APTC80AM75SC Datasheet HTML 6Page - Advanced Power Technology APTC80AM75SC Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APTC80AM75SC
APT website – http://www.advancedpower.com
5 – 7
0.90
0.95
1.00
1.05
1.10
1.15
-50
0
50
100
150
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
ON resistance vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
TJ, Junction Temperature (°C)
VGS=10V
ID= 28A
Threshold Voltage vs Temperature
0.7
0.8
0.9
1.0
1.1
1.2
-50
0
50
100
150
TC, Case Temperature (°C)
Maximum Safe Operating Area
100ms
10ms
1ms
100µs
0
1
10
100
1000
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by
RDSon
Single pulse
TJ=150°C
Ciss
Crss
Coss
10
100
1000
10000
100000
0
1020
304050
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
VDS=160V
VDS=400V
VDS=640V
0
2
4
6
8
10
12
14
16
0
50 100 150 200 250 300 350 400
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
ID=56A
TJ=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com