Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R7200IJ-ALA1NN Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R7200IJ-ALA1NN
Description  Industrial-Grade Nvidia Jetson Barebone Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R7200IJ-ALA1NN Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R7200IJ-ALA1NN Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R7200IJ-ALA1NN Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R7200IJ-ALA1NN Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RISC Computing Platforms
Features
ƒ
NVIDIA Jetson Module compatible Barebone PC
ƒ
Industrial and Expandable Design
ƒ
HDMI up to 3840 x 2160 at 60Hz resolution
ƒ
Dual GbE LAN, 2 USB3.2 Gen 1
ƒ
1 Micro SD Socket & 1 Nano SIM Slot
ƒ
1 M.2 3042 Key B Slot, 1 M.2 2230 Key E Slot
ƒ
4 Kinds of Rear I/O for Each Vertical Focus: IEM, Self Service, Automation
and Networking
ƒ
Qualified for Edge AI SRP of WISE-DeviceOn
EPC-R7200
Industrial-Grade Nvidia Jetson Barebone
Box PC
Specifications
Model
EPC-R7200IJ-ALA100
EPC-R7200IJ-ALA120
EPC-R7200IJ-ALA140
EPC-R7200IJ-ALA160
Compatible Modules
NVIDIA Jetson Series
Nano / TX2 NX / Xavier NX
Graphics
HDMI
1 x HDMI 2.0, Maximum Resolution 3840 x 2160 at 60Hz
Graphics Engine
NVIDIA Maxwell GPU / Pascal GPU / Volta GPU on Jeston Modules
H/W Video Codec
Up to 4K encode/decode
Ethernet
Chipset
NVIDIA Jetson integrated RGMII and Intel 1GbE Controller
Speed
2 10/100/1000 Mbps
Indicator
LED
1 x Power LED; 1 x programmable LED
Front I/O
USB
2 x USB3.2 Gen 1 Type A
GbE
2 x RJ45 for GbE
Rear I/O
1 x RS-485, 1 x 2 wires RS-232
4 x DIs, 4 x DOs
2 x 2 wires RS-232
1 x GbE, 2 x USB 2.0
2 x 2 wires RS-232
1 x CAN Bus 2.0B
4 X GbE (Hub)
Expansion
M.2
1 M.2 2230 Key E Slot (USB2.0/PCIe/UART/I2S)
1 M.2 3042 Key B Slot (USB3.0/I2C)
SD Socket
1 Micro SD Socket
SIM
1 Nano SIM Slot
Antenna Holes
4
Power
Power Supply Voltage
9-24V
Power Type
2-pole lockable DC-in
Power Consumption
5 ~ 15 W (Depends on Module Selection)
Environment
Operating Temperature
-20~60 / -20~70*
Operating Humidity
5% ~ 95% relative humidity, non-condensing
Mechanical
Dimensions
152 x 138 x 42 mm
Mounting
Wall mount, DIN Rail mount
Weight
925g
Operating System
Linux
Ubuntu
Certifications
CE/FCC Class B
* -20 ~ 70 supports by specific Power Mode of Jetson Modules
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice.
Last updated: 7-Sep-2022


Similar Part No. - EPC-R7200IJ-ALA1NN

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R7200 ADVANTECH-EPC-R7200 Datasheet
815Kb / 2P
UIO40-Express I/O Expansion Boards
20-Jun-2022
More results

Similar Description - EPC-R7200IJ-ALA1NN

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R7000 ADVANTECH-EPC-R7000 Datasheet
2Mb / 4P
NVIDIA Jetson TX2 ARM-Based Edge AI Inference Box Computer
7-Jul-2021
logo
Lanner All Rights Reser...
EAI-I130 LANNER-EAI-I130 Datasheet
160Kb / 1P
Industrial Grade AI Inference System For 5G Edge With NVIDIA® Jetson Xavier NX/Jetson Nano
logo
AAEON Technology
BOXER-8221AI AAEON-BOXER-8221AI Datasheet
393Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson Nano
2022/05/31
BOXER-8222AI AAEON-BOXER-8222AI Datasheet
484Kb / 2P
AI@Edge Fanless Embedded Box PC with NVIDIA Jetson Nano, PD Port
2022/05/31
BOXER-8223AI AAEON-BOXER-8223AI Datasheet
475Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson Nano
2022/07/29
BOXER-8231AI AAEON-BOXER-8231AI Datasheet
374Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson TX2 NX
2022/11/11
BOXER-8233AI AAEON-BOXER-8233AI Datasheet
476Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA® Jetson™ TX2 NX
2022/11/11
BOXER-8250AI AAEON-BOXER-8250AI Datasheet
595Kb / 2P
AI@Edge Fanless Embedded Box PC with NVIDIA Jetson Xavier NX, 5 GbE LAN Ports
2023/01/19
BOXER-8253AI AAEON-BOXER-8253AI Datasheet
485Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA® Jetson Xavier™ NX
2023/03/17
BOXER-8652AI AAEON-BOXER-8652AI Datasheet
368Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA® Jetson Orin™ NX
2023/02/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com