Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R7200IJ-ALA140 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R7200IJ-ALA140
Description  Industrial-Grade Nvidia Jetson Barebone Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R7200IJ-ALA140 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R7200IJ-ALA140 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R7200IJ-ALA140 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R7200IJ-ALA140 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
HDMI LAN
USB
DI/DO Serial Port
CANbus Micro SD Nano SIM
I/O Exp.
Operating
Temperature
EPC-R7200IJ-ALA1NN
1
2
2
-
-
-
1
1
-
-20 ~ 60 °C
EPC-R7200IJ-ALA100
1
2
2
4/4
1 RS-232, 1 RS-485 -
1
1
UIO-4030 -20 ~ 60 °C
EPC-R7200IJ-ALA120
1
3
4
-
2 RS-232
-
1
1
UIO-4032 -20 ~ 60 °C
EPC-R7200IJ-ALA140
1
2
2
-
2 RS-232
1
1
1
UIO-4034 -20 ~ 60 °C
EPC-R7200IJ-ALA160
1
6 (2 as independent,
and 4 by hub)
2
-
-
-
1
1
UIO-4036 -20 ~ 60 °C
EPC-R7200
Packing List
Part Number
Description
1970005170T011
Heat Spreader for Jeston Xavier NX Modules
1970005170T021
Heat Spreader for Jeston TX2 NX Modules
1970005170T001
Heat Spreader for Jeston Nano Modules
Optional Accessories
Part Number
Description
968AD00549
NVIDIA Jetson Nano Module
968DD00139
NVIDIA Jetson TX2 NX Module
968DD00029
NVIDIA Jetson Xavier NX Module
968MOUJTSN
Ubuntu OS License for Jetson
96PSA-A60W24T2-3
ADP A/D 100-240V 60W 24V C14 CORD END 2PIN 62368
1702002600
Power Cord UL 3P 10A 125V 183cm
1702002605
Power Cord 3P EU 10A 250V 183cm
1702031801
Power Cord 3P UK 10A 250V 183cm
1700000237-01
Power Cord PSE 3P 12A 125V 183cm
1700009652
Power Cord CCC 3P 10A 250V 187cm
EWM-W159M201E
802.11 ac/a/b/g/n + Bluetooth 5.0 M.2 2230 (A-E Key)
Card
1750008717-01
WiFi Coaxial Cable, SMA (M) to MHF4, 300 mm
1750007965-01
WiFi Dual band 2.4G and 5G Antenna
1935030500
Screw for WiFi/Cellular Module R/S M3x5L D=5.5 H=2
(2+) ST BZn
968AD00426
SIERRA EM7565 Global band Cat-12 M.2 module
1750008303-01
Cellular Antenna AN0727-64SP6BSM
1750008644-01
Cellular Cable Ant. SMA/F-BH MHF4/113 BLK L150mm
IPX5
Front I/O
Dimensions
Unit: mm
Grounding Screw
HDMI
2 USBs
LEDs
DC-in
2 GbE LANs
152
42



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com