Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTDF450U60 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTDF450U60
Description  Single diode Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF450U60 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTDF450U60 Datasheet HTML 1Page - Advanced Power Technology APTDF450U60 Datasheet HTML 2Page - Advanced Power Technology APTDF450U60 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTDF450U60
APT website – http://www.advancedpower.com
2 - 3
Electrical Characteristics
All ratings @ Tj = 25°C unless otherwise specified
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
IF = 500A
1.4
1.8
IF = 1000A
1.7
VF
Diode Forward Voltage
IF = 500A
Tj = 150°C
1.5
V
Tj = 25°C
2500
IRM
Maximum Reverse Leakage Current
VR = 600V
Tj = 150°C
5000
µA
CT
Junction Capacitance
VR = 200V
825
pF
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
trr1
IF=1A,VR=30V
di/dt = 15A/µs
Tj = 25°C
60
75
trr2
Tj = 25°C
90
115
trr3
Reverse Recovery Time
IF = 500A
VR = 350V
di/dt=1000A/µs Tj = 100°C
135
255
ns
tfr1
Tj = 25°C
135
tfr2
Forward Recovery Time
Tj = 100°C
135
ns
IRRM1
Tj = 25°C
35
50
IRRM2
Reverse Recovery Current
Tj = 100°C
55
70
A
Qrr1
Tj = 25°C
1575 2875
Qrr2
Reverse Recovery Charge
Tj = 100°C
3715 8925
nC
Vfr1
Tj = 25°C
23
Vfr2
Forward Recovery Voltage
Tj = 100°C
23
V
Tj = 25°C
600
dIM/dt
Rate of Fall of Recovery Current
IF = 500A
VR = 350V
di/dt=1000A/µs
Tj = 100°C
400
A/µs
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case
0.08
°C/W
VISOL
RMS Isolation Voltage, any terminal to case
t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M5
2.5
3.5
Torque Mounting torque
For terminals
M6
3
4
N.m
Wt
Package Weight
250
g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com