Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2B26M4SL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF2B26M4SL
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B26M4SL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF2B26M4SL Datasheet HTML 1Page - Toshiba Semiconductor DF2B26M4SL Datasheet HTML 2Page - Toshiba Semiconductor DF2B26M4SL Datasheet HTML 3Page - Toshiba Semiconductor DF2B26M4SL Datasheet HTML 4Page - Toshiba Semiconductor DF2B26M4SL Datasheet HTML 5Page - Toshiba Semiconductor DF2B26M4SL Datasheet HTML 6Page - Toshiba Semiconductor DF2B26M4SL Datasheet HTML 7Page - Toshiba Semiconductor DF2B26M4SL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DF2B26M4SL
2
5.
5.
5.
5. Example of Circuit Diagram
Example of Circuit Diagram
Example of Circuit Diagram
Example of Circuit Diagram
6.
6.
6.
6. Quick Reference Data
Quick Reference Data
Quick Reference Data
Quick Reference Data
Characteristics
Working peak reverse voltage
Total capacitance
Dynamic resistance
Electrostatic discharge voltage
(IEC61000-4-2) (Contact)
Symbol
VRWM
Ct
RDYN
VESD
Note
(Note 1)
(Note 2)
(Note 3)
Test Condition
VR = 0 V, f = 1 MHz
Min
Typ.
0.2
0.2
Max
24
0.3
15
Unit
V
pF
Ω
kV
Note 1: Recommended operating condition.
Note 2: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP characteristics between IPP1 = 8 A and IPP2 = 16 A.
Note 3: Criterion: No damage to devices.
6.1.
6.1.
6.1.
6.1. ESD Clamp Waveform (Note)
ESD Clamp Waveform (Note)
ESD Clamp Waveform (Note)
ESD Clamp Waveform (Note)
Fig.
Fig.
Fig.
Fig. 6.1.1
6.1.1
6.1.1
6.1.1 +8 kV
+8 kV
+8 kV
+8 kV
Fig.
Fig.
Fig.
Fig. 6.1.2
6.1.2
6.1.2
6.1.2 -8 kV
-8 kV
-8 kV
-8 kV
Fig.
Fig.
Fig.
Fig. 6.1.3
6.1.3
6.1.3
6.1.3 IEC61000-4-2 (Contact)
IEC61000-4-2 (Contact)
IEC61000-4-2 (Contact)
IEC61000-4-2 (Contact)
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
2018-03-28
Rev.1.0
©2018
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com