Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75411WS Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC75411WS
Description  Electronic Volume Controller for Car Audio Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75411WS Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75411WS Datasheet HTML 17Page - Sanyo Semicon Device LC75411WS Datasheet HTML 18Page - Sanyo Semicon Device LC75411WS Datasheet HTML 19Page - Sanyo Semicon Device LC75411WS Datasheet HTML 20Page - Sanyo Semicon Device LC75411WS Datasheet HTML 21Page - Sanyo Semicon Device LC75411WS Datasheet HTML 22Page - Sanyo Semicon Device LC75411WS Datasheet HTML 23Page - Sanyo Semicon Device LC75411WS Datasheet HTML 24Page - Sanyo Semicon Device LC75411WS Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
2-dB Volume Block Equivalent Circuit Block Diagram
No. 6928-21/33
LC75411ES, 75411WS
Total resistance of
195 k
over tap
Total resistance of
30.847 k
under tap
Same for right channel
Unit (Resistance:
)
To left
channel
0.5
–dB block
LVref
41.139k
32.678k
25.957k
20.618k
16.378k
–2dB
–4dB
–6dB
–8dB
–10dB
–12dB
–14dB
0dB
–16dB
–18dB
–20dB
–22dB
–24dB
–26dB
–28dB
–30dB
–32dB
–34dB
–36dB
–38dB
–40dB
–42dB
–44dB
–46dB
–48dB
–50dB
–52dB
–54dB
–56dB
–58dB
–60dB
–62dB
–64dB
–66dB
–68dB
–70dB
–72dB
–74dB
–76dB
–78dB
– dB
13.009k
10.334k
8.208k
6.520k
5.179k
4.114k
3.268k
2.596k
2.062k
1.638k
1.301k
6.344k
5.040k
LCT
5.750k
4.003k
3.180k
2.526k
2.006k
1.594k
1.266k
1.006k
0.799k
0.634k
0.504k
0.400k
0.318k
0.253k
0.201k
0.159k
0.127k
0.101k
0.080k
0.063k
0.050k
0.040k
0.154k
LVRIN
Initial setting switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com